| Moteur de recherche de fiches techniques de composants électroniques |
|
LM324 Fiches technique(PDF) 39 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
LM324 Fiches technique(HTML) 39 Page - Texas Instruments |
|
39 / 64 page ![]() PACKAGE OPTION ADDENDUM www.ti.com 28-Aug-2024 Orderable Device Status (1) Package Type Package Drawing Pins Package Qty Eco Plan (2) Lead finish/ Ball material (6) MSL Peak Temp (3) Op Temp (°C) Device Marking (4/5) Samples LM324DRE4 ACTIVE SOIC D 14 2500 RoHS & Green NIPDAU Level-1-260C-UNLIM 0 to 70 LM324 Samples LM324DRG3 OBSOLETE SOIC D 14 TBD Call TI Call TI 0 to 70 LM324 LM324DRG4 ACTIVE SOIC D 14 2500 RoHS & Green NIPDAU Level-1-260C-UNLIM 0 to 70 LM324 Samples LM324KAD OBSOLETE SOIC D 14 TBD Call TI Call TI 0 to 70 LM324KA LM324KADR ACTIVE SOIC D 14 2500 RoHS & Green NIPDAU Level-1-260C-UNLIM 0 to 70 LM324KA Samples LM324KADRG4 ACTIVE SOIC D 14 2500 TBD Call TI Call TI 0 to 70 Samples LM324KAN ACTIVE PDIP N 14 25 RoHS & Green NIPDAU N / A for Pkg Type 0 to 70 LM324KAN Samples LM324KANSR ACTIVE SO NS 14 2000 RoHS & Green NIPDAU Level-1-260C-UNLIM 0 to 70 LM324KA Samples LM324KAPW OBSOLETE TSSOP PW 14 TBD Call TI Call TI 0 to 70 L324KA LM324KAPWR ACTIVE TSSOP PW 14 2000 RoHS & Green NIPDAU Level-1-260C-UNLIM 0 to 70 L324KA Samples LM324KDR ACTIVE SOIC D 14 2500 RoHS & Green NIPDAU Level-1-260C-UNLIM 0 to 70 LM324K Samples LM324KN ACTIVE PDIP N 14 25 RoHS & Green NIPDAU N / A for Pkg Type 0 to 70 LM324KN Samples LM324KNSR ACTIVE SO NS 14 2000 RoHS & Green NIPDAU Level-1-260C-UNLIM 0 to 70 LM324K Samples LM324KPW OBSOLETE TSSOP PW 14 TBD Call TI Call TI 0 to 70 L324K LM324KPWR ACTIVE TSSOP PW 14 2000 RoHS & Green NIPDAU Level-1-260C-UNLIM 0 to 70 L324K Samples LM324N ACTIVE PDIP N 14 25 RoHS & Green NIPDAU | SN N / A for Pkg Type 0 to 70 LM324N Samples LM324NE3 OBSOLETE PDIP N 14 TBD Call TI Call TI 0 to 70 LM324N LM324NE4 OBSOLETE PDIP N 14 TBD Call TI Call TI 0 to 70 LM324N LM324NSR ACTIVE SO NS 14 2000 RoHS & Green NIPDAU Level-1-260C-UNLIM 0 to 70 LM324 Samples LM324NSRE4 ACTIVE SO NS 14 2000 RoHS & Green NIPDAU Level-1-260C-UNLIM 0 to 70 LM324 Samples LM324NSRG4 ACTIVE SO NS 14 2000 RoHS & Green NIPDAU Level-1-260C-UNLIM 0 to 70 LM324 Samples LM324PW OBSOLETE TSSOP PW 14 TBD Call TI Call TI 0 to 70 L324 LM324PWR ACTIVE TSSOP PW 14 2000 RoHS & Green NIPDAU | SN Level-1-260C-UNLIM 0 to 70 L324 Samples Addendum-Page 5 |