| Moteur de recherche de fiches techniques de composants électroniques |
|
RC4580ID Fiches technique(PDF) 4 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
RC4580ID Fiches technique(HTML) 4 Page - Texas Instruments |
|
4 / 32 page ![]() 5 Specifications 5.1 Absolute Maximum Ratings over operating free-air temperature range (unless otherwise noted) (1) MIN MAX UNIT VCC Supply voltage ±18 V VI Input voltage (any input) ±15 V VID Differential input voltage ±30 V IO Output current ±50 mA TA Ambient temperature range –40 125 °C Tstg Storage temperature range –60 125 °C (1) Operation outside the Absolute Maximum Ratings may cause permanent device damage. Absolute Maximum Ratings do not imply functional operation of the device at these or any other conditions beyond those listed under Recommended Operating Conditions. If used outside the Recommended Operating Conditions but within the Absolute Maximum Ratings, the device may not be fully functional, and this may affect device reliability, functionality, performance, and shorten the device lifetime. 5.2 ESD Ratings MIN MAX UNIT V(ESD) Electrostatic discharge Human body model (HBM), per ANSI/ESDA/JEDEC JS-001, all pins(1) 0 1000 V Charged device model (CDM), per JEDEC specification JESD22-C101, all pins(2) 0 1000 (1) JEDEC document JEP155 states that 500V HBM allows safe manufacturing with a standard ESD control process. (2) JEDEC document JEP157 states that 250V CDM allows safe manufacturing with a standard ESD control process. 5.3 Recommended Operating Conditions MIN MAX UNIT VCC+ Supply voltage 2 16 V VCC– –2 –16 VICR Input common-mode voltage range –13.5 13.5 V TA Operating free-air temperature –40 125 °C 5.4 Thermal Information THERMAL METRIC(1) RC4580 UNIT D (SOIC) P (PDIP) PW (TSSOP) DGK (VSSOP) DDF (SOT-23) 8 PINS 8 PINS 8 PINS 8 PINS 8 PINS RθJA Junction-to-ambient thermal resistance 109 99.2 163 160.5 177.9 °C/W RθJC(top) Junction-to-case (top) thermal resistance 55.7 78.8 38 70.2 96.5 RθJB Junction-to-board thermal resistance 49 61.9 90.6 95.6 95.2 ψJT Junction-to-top characterization parameter 10.6 44.8 1.3 8.8 9.5 ψJB Junction-to-board characterization parameter 48.6 61.2 88.9 94.0 95.0 RθJC(bot) Junction-to-case (bottom) thermal resistance — — — — — (1) For more information about traditional and new thermal metrics, see the Semiconductor IC Package Thermal Metrics application note. RC4580 SLOS412E – APRIL 2003 – REVISED NOVEMBER 2024 www.ti.com 4 Submit Document Feedback Copyright © 2024 Texas Instruments Incorporated Product Folder Links: RC4580 |