Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

1582575 Fiches technique(PDF) 1 Page - PHOENIX CONTACT

No de pièce 1582575
Description  QPD W 4PE2,5 9-16 M25 FC GY - Panel feed-through
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHOENIX [PHOENIX CONTACT]
Site Internet  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1582575 Fiches technique(HTML) 1 Page - PHOENIX CONTACT

  1582575 Datasheet HTML 1Page - PHOENIX CONTACT 1582575 Datasheet HTML 2Page - PHOENIX CONTACT 1582575 Datasheet HTML 3Page - PHOENIX CONTACT 1582575 Datasheet HTML 4Page - PHOENIX CONTACT 1582575 Datasheet HTML 5Page - PHOENIX CONTACT 1582575 Datasheet HTML 6Page - PHOENIX CONTACT 1582575 Datasheet HTML 7Page - PHOENIX CONTACT 1582575 Datasheet HTML 8Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
Panel feed-through, product family: QPD, connection method: Spade connection (For slip-on
sleeves according to DIN 46247-2)/ IDC connection, number of positions: 4+PE, M25, Pin, 1
mm2 ... 2.5 mm2, 690 V, 20 A, PA, gray, with QUICKON nut, coding: coded, external cable
diameter: 9 mm ... 16 mm
Commercial data
Item number
1582575
Packing unit
1 pc
Minimum order quantity
1 pc
Sales key
BF50
Product key
BF6ACB
Catalog page
Page 170 (NTK-2012)
GTIN
4046356662062
Weight per piece (including packing)
56.5 g
Weight per piece (excluding packing)
56.4 g
Customs tariff number
85366990
Country of origin
PL
QPD W 4PE2,5 9-16 M25 FC GY - Panel feed-through
1582575
https://www.phoenixcontact.com/us/products/1582575
Oct 31, 2024, 6:30 AM
Page 1 (8)


Numéro de pièce similaire - 1582575

FabricantNo de pièceFiches techniqueDescription
logo
PHOENIX CONTACT
1582530 PHOENIX-1582530 Datasheet
335Kb / 6P
Environment friendly use period (EFUP)
1582533 PHOENIX-1582533 Datasheet
335Kb / 6P
Environment friendly use period (EFUP)
1582536 PHOENIX-1582536 Datasheet
331Kb / 6P
Environment friendly use period (EFUP)
1582545 PHOENIX-1582545 Datasheet
79Kb / 4P
Innovative and time saving - QUICKON fast connection for time saving of up to 80 % for on-site connection
1582548 PHOENIX-1582548 Datasheet
77Kb / 4P
Innovative and time saving - QUICKON fast connection for time saving of up to 80 % for on-site connection
More results

Description similaire - 1582575

FabricantNo de pièceFiches techniqueDescription
logo
PHOENIX CONTACT
1582351 PHOENIX-1582351 Datasheet
90Kb / 7P
Panel feed-through - QPD W 4X2,5 M25 FC GY
1582178 PHOENIX-1582178 Datasheet
93Kb / 7P
Panel feed-through - QPD W 3PE2,5 9-14 M25 FC BK
1582196 PHOENIX-1582196 Datasheet
98Kb / 7P
Panel feed-through - QPD W 3PE2,5 M25 FC BK
1582316 PHOENIX-1582316 Datasheet
95Kb / 7P
Panel feed-through - QPD W 4X2,5 9-14 M25 FC GY
1582323 PHOENIX-1582323 Datasheet
95Kb / 7P
Panel feed-through - QPD W 4X2,5 9-14 M25 DT GY
1582288 PHOENIX-1582288 Datasheet
275Kb / 7P
Panel feed-through - QPD W 4X2,5 6-10 M25 FC GY
1414735 PHOENIX-1414735 Datasheet
351Kb / 7P
Panel feed-through - QPD W 4PE1,5 9-14 M25 FC BK
01/21/2022
1414738 PHOENIX-1414738 Datasheet
378Kb / 7P
Panel feed-through - QPD W 4PE1,5 M25 FC BK
01/21/2022
1424010 PHOENIX-1424010 Datasheet
258Kb / 5P
Panel feed-through - QPD W4X2,5 M25 FC GY
02/04/2022
1582559 PHOENIX-1582559 Datasheet
130Kb / 9P
Panel feed-through - QPD W 4PE2,5 6-11 M25 FC BK
09/11/2020
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com