Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

240128-06-SL-R-ET-LED-WH Fiches technique(PDF) 18 Page - List of Unclassifed Manufacturers

No de pièce 240128-06-SL-R-ET-LED-WH
Description  240 x 128 Dot Graphic LCD Assembly With T6963C Toshiba Graphic LCD Controller EL Panel & LED Backlight Assembly
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

240128-06-SL-R-ET-LED-WH Fiches technique(HTML) 18 Page - List of Unclassifed Manufacturers

Back Button 240128-06-SL-R-ET-LED-WH Datasheet HTML 14Page - List of Unclassifed Manufacturers 240128-06-SL-R-ET-LED-WH Datasheet HTML 15Page - List of Unclassifed Manufacturers 240128-06-SL-R-ET-LED-WH Datasheet HTML 16Page - List of Unclassifed Manufacturers 240128-06-SL-R-ET-LED-WH Datasheet HTML 17Page - List of Unclassifed Manufacturers 240128-06-SL-R-ET-LED-WH Datasheet HTML 18Page - List of Unclassifed Manufacturers 240128-06-SL-R-ET-LED-WH Datasheet HTML 19Page - List of Unclassifed Manufacturers 240128-06-SL-R-ET-LED-WH Datasheet HTML 20Page - List of Unclassifed Manufacturers 240128-06-SL-R-ET-LED-WH Datasheet HTML 21Page - List of Unclassifed Manufacturers 240128-06-SL-R-ET-LED-WH Datasheet HTML 22Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 32 page
background image
SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY MODULE
MODEL NO: 240128-06
Pacific Display Devices
03.07.2006
18
(3) Text Area Set
The columns of display are defined by the hardware setting. This command can be used to adjust columns of display.
(Example)
Text home address
:
0000H
Text area
:
001EH
MD2=H, MD3=H
:
32 columns
DUAL=H, MDS=L, MD0=L, MD1=L
:
16 lines
0000H
0001H
……
001DH
001EH
001FH
001EH
001FH
……
003BH
003CH
003DH
003CH
003DH
……
0059H
005AH
005BH
005AH
005BH
……
0077H
0078H
0079H
0078H
0079H
……
0095H
0096H
0097H
0096H
0097H
……
00B3H
00B4H
00B5H
00B4H
00B5H
……
00D1H
00D2H
00D3H
00D2H
00D3H
……
00EFH
00F0H
00F1H
00F0H
00F1H
……
010DH
010EH
010FH
010EH
010FH
……
012BH
012CH
012DH
012CH
012DH
……
0149H
014AH
014BH
014AH
014BH
……
0167H
0168H
0169H
0168H
0169H
……
0185H
0186H
0187H
0186H
0187H
……
01A3H
01A4H
01A5H
01A4H
01A5H
……
01C1H
01C2H
01C3H
01C2H
01C3H
……
01DFH
01E0H
01E1H
⎯⎯⎯⎯⎯⎯→
LCD
←⎯⎯⎯⎯⎯⎯
(4) Graphic Area Set
The columns of display are defined by the hardware setting. This command can be used to adjust columns of graphic
display.
(Example)
Text home address
:
0000H
Text area
:
001EH
MD2=H, MD3=H
:
32 columns
DUAL=H, MDS=L, MD0=L, MD1=L
:
16 lines
0000H
0001H
……
001DH
001EH
001FH
001EH
001FH
……
003BH
003CH
003DH
003CH
003DH
……
0059H
005AH
005BH
005AH
005BH
……
0077H
0078H
0079H
0E88H
0E89H
……
0EA5H
0EA6H
0EA7H
0EA6H
0FA7H
……
0EC3H
0EC4H
0EC5H
0EC4H
0FC5H
……
0EE1H
0EE2H
0EE3H
0EE2H
0FE3H
……
0EFFH
0F00H
0F01H
⎯⎯⎯⎯⎯⎯⎯⎯→
LCD
←⎯⎯⎯⎯⎯⎯⎯⎯
The address in graphic area can be continuous and RAM area can be used without ineffective area, if graphic area is
defined the same number as the actual column number of LCD display.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32