| Moteur de recherche de fiches techniques de composants électroniques |
|
CMCM Fiches technique(PDF) 1 Page - Amkor Technology |
|
|
|||||||||||||||||||||||||||||
CMCM Fiches technique(HTML) 1 Page - Amkor Technology |
|
|
1 / 1 page ![]() data sheet CMCM Features: CERAMIC / HERMETIC www.amkor.com VISIT AMKOR TECHNOLOGY ONLINE FOR LOCATIONS AND TO VIEW THE MOST CURRENT PRODUCT INFORMATION Ceramic Multi-Chip Module Package (CMCM) The MCM/CBGA and MCM/PBGA by Amkor Technology incorporates the latest technology in high-density Ceramic and Plastic IC packaging. The high-speed performance and thermal advantages of the CBGA and PBGA package provide the platform for increased enhancement for mixed semiconductor technologies such as: Analog/Digital, bipolar/CMOS, ASIC, DSP, etc. in a single IC package. Applications: This MCM technology allows existing and presently available ICs to be designed in a single, space-saving, low-cost system package. MCM-CBGAs and MCM-PBGAs provide the features required by laptops, portables, sub-notebooks, telecomm, wireless, PC cards and other applications. The MCM-CBGA offer a variety of features: • Improved thermal performance • Superior electrical performance • Controlled impedance • Very low design and tooling cost • Electroless Au (gold) plating process • Standard and custom ball counts available • Eutectic solder balls • Flexible circuit designs • Advanced in-house design capability • Versatile substrate routing • Choice of package body sizes DS804 Rev Date: 08’02 . |
Numéro de pièce similaire - CMCM |
|
Description similaire - CMCM |