Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

JDV2S42FS Fiches technique(PDF) 1 Page - Toshiba Semiconductor

No de pièce JDV2S42FS
Description  TOSHIBA Variable Capacitance Diode Silicon Epitaxial Planar Type
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOSHIBA [Toshiba Semiconductor]
Site Internet  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

JDV2S42FS Fiches technique(HTML) 1 Page - Toshiba Semiconductor

  JDV2S42FS Datasheet HTML 1Page - Toshiba Semiconductor JDV2S42FS Datasheet HTML 2Page - Toshiba Semiconductor JDV2S42FS Datasheet HTML 3Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
JDV2S42FS
1
2023-03-08
Rev.1.0
© 2023
Toshiba Electronic Devices & Storage Corporation
TOSHIBA Variable Capacitance Diode Silicon Epitaxial Planar Type
JDV2S42FS
1. Applications
VCO for UHF Band Radio
•
High capacitance ratio: C2 V / C10 V = 2.4 (typ.)
•
Low series resistance: rs = 0.44 Ω (typ.)
•
Useful for small size tuner.
2. Absolute Maximum Ratings (Ta = 25 °C)
Table 2.1
Characteristics
Symbol
Rating
Unit
Reverse voltage
VR
15
V
Junction temperature
Tj
125
°C
Storage temperature range
Tstg
-55 to 125
°C
Note: Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the significant
change in temperature, etc.) may cause this product to decrease in the reliability significantly even if the operating
conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum ratings.
Please design the appropriate reliability upon reviewing the Toshib
a Semiconductor Reliability Handbook (“Handling
Precautions”/“Derating Concept and Methods”) and individual reliability data (i.e. reliability test report and estimated
failure rate, etc).
3. Electrical Characteristics (Ta = 25°C)
Table 3.1
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Reverse voltage
VR
IR = 1 µA
15
-
-
V
Reverse current
IR
VR = 15 V
-
-
35
nA
Capacitance
C2V
VR = 2 V, f = 1 MHz
3.8
-
4.7
pF
Capacitance
C10V
VR = 10 V, f = 1 MHz
1.5
-
2.0
pF
Capacitance ratio
C2V / C10V
-
2.0
2.4
-
-
Series resistance
rs
VR = 1 V, f = 470 MHz
-
0.44
0.6
Ω
Unit: mm
SOD-923
JEDEC
-
JEITA
TOSHIBA
1-1AH1A
Weight: 0.7mg (typ.)
Start of commercial production
2023-09


Numéro de pièce similaire - JDV2S42FS

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
JDV2S41AFS TOSHIBA-JDV2S41AFS Datasheet
358Kb / 3P
TOSHIBA Variable Capacitance Diode Silicon Epitaxial Planar Type
25-May-2022
JDV2S41FS TOSHIBA-JDV2S41FS Datasheet
158Kb / 3P
TOSHIBA Variable Capacitance Diode
02-Jun-2009
More results

Description similaire - JDV2S42FS

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
JDV4P08U TOSHIBA-JDV4P08U Datasheet
35Kb / 1P
TOSHIBA VARIABLE CAPACITANCE DIODE SILICON EPITAXIAL PLANAR TYPE
1SV273 TOSHIBA-1SV273 Datasheet
173Kb / 2P
TOSHIBA VARIABLE CAPACITANCE DIODE SILICON EPITAXIAL PLANAR TYPE
1SV229 TOSHIBA-1SV229 Datasheet
131Kb / 3P
TOSHIBA Variable Capacitance Diode Silicon Epitaxial Planar Type
02-Apr-2003
1SV281TPH3F TOSHIBA-1SV281TPH3F Datasheet
151Kb / 3P
TOSHIBA Variable Capacitance Diode Silicon Epitaxial Planar Type
1SV229 TOSHIBA-1SV229_14 Datasheet
181Kb / 3P
TOSHIBA Variable Capacitance Diode Silicon Epitaxial Planar Type
01-Mar-2014
1SV239 TOSHIBA-1SV239_14 Datasheet
181Kb / 3P
TOSHIBA Variable Capacitance Diode Silicon Epitaxial Planar Type
01-Mar-2014
1SV270 TOSHIBA-1SV270_14 Datasheet
308Kb / 3P
TOSHIBA Variable Capacitance Diode Silicon Epitaxial Planar Type
22-Dec-2014
1SV277 TOSHIBA-1SV277_14 Datasheet
177Kb / 3P
TOSHIBA Variable Capacitance Diode Silicon Epitaxial Planar Type
01-Mar-2014
1SV279 TOSHIBA-1SV279_14 Datasheet
170Kb / 3P
TOSHIBA Variable Capacitance Diode Silicon Epitaxial Planar Type
01-Mar-2014
1SV285 TOSHIBA-1SV285_14 Datasheet
177Kb / 3P
TOSHIBA Variable Capacitance Diode Silicon Epitaxial Planar Type
01-Mar-2014
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com