Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CSG14K_CSG8K Fiches technique(PDF) 64 Page - OSRAM GmbH

No de pièce CSG14K_CSG8K
Description  13.8 Mp_8.3 Mp High Speed Global Shutter CMOS Image Sensor
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  OSRAM [OSRAM GmbH]
Site Internet  http://www.osram.com
Logo OSRAM - OSRAM GmbH

CSG14K_CSG8K Fiches technique(HTML) 64 Page - OSRAM GmbH

Back Button CSG14K_CSG8K Datasheet HTML 60Page - OSRAM GmbH CSG14K_CSG8K Datasheet HTML 61Page - OSRAM GmbH CSG14K_CSG8K Datasheet HTML 62Page - OSRAM GmbH CSG14K_CSG8K Datasheet HTML 63Page - OSRAM GmbH CSG14K_CSG8K Datasheet HTML 64Page - OSRAM GmbH CSG14K_CSG8K Datasheet HTML 65Page - OSRAM GmbH CSG14K_CSG8K Datasheet HTML 66Page - OSRAM GmbH CSG14K_CSG8K Datasheet HTML 67Page - OSRAM GmbH CSG14K_CSG8K Datasheet HTML 68Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 114 page
background image
Document Feedback
CSG14K_CSG8K
Functional Description
Datasheet
• PUBLIC
DS000571
• v2-01 • 2023-Feb-10
113
│ 63
Wait TIME
Lines starting with the wait keyword indicate that a minimum time as specified by TIME has to
be respected before moving on to the next instruction. These wait times are necessary for
proper settling in the sensor.
Ramp-Up VDD45 and VSSNEG
Both VDD45 and VSSNEG must start at 0 V and ramp to their values as specified in chapter
5 and section 7.2.1, respecting the order and the timing described in the figure below.
Figure 67:
Ramp-Up VDD45 and VSSNEG
Ramp-Down VSSNEG and VDD45
Attention
A specific order and timing must be applied to these sensor supplies also when ramping down.
To put the sensor back into hard reset state, VDD45 and VSSNEG must be ramped back to
0 V, respecting the order and the timing described in the figure below.
VDD45
VSSNEG
Tpu1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More