| Moteur de recherche de fiches techniques de composants électroniques |
|
AS7058 Fiches technique(PDF) 8 Page - OSRAM GmbH |
|
|
|||||||||||||||||||||||||||||
AS7058 Fiches technique(HTML) 8 Page - OSRAM GmbH |
|
8 / 14 page ![]() AS7058 Electrical characteristics Short Datasheet • PUBLIC • Document Feedback DS001085 • v1-01 • 2023-Oct-26 8 / 14 / Symbol Parameter Conditions Min Typ Max Unit VVCSELS VCSELS supply voltage Voltage must not be below VAVDD 1.75 5.50 V Photodiode inputs IPD Photocurrent input 64 µA MOD1 & MOD2 (PPG channels) MODDAC_OFF DAC offset current full-scale range for MOD1 or MOD2 (X = 1 or 2) PPGMODX_IOS_FS = 0 1 µA PPGMODX_IOS_FS = 1 2 PPGMODX_IOS_FS = 2 4 PPGMODX_IOS_FS = 3 8 PPGMODX_IOS_FS = 4 16 PPGMODX_IOS_FS = 5 32 PPGMODX_IOS_FS = 6 64 PPGMODX_IOS_FS = 7 128 MODRES ADC resolutions of MOD1 and MOD2 20 bit LED driver LEDRES LED driver resolution 8 bit IRANGE1 Allowed operating input current for LED pin 1 to 4 (X = 1 to 4) LEDX_IRNG = 0 25 mA LEDX_IRNG = 1 150 LEDX_IRNG = 2 225 LEDX_IRNG = 3 300 IRANGE2 Allowed operating input current for LED pin 5 to 8 (X = 5 to 8) LEDX_IRNG = 0 25 mA LEDX_IRNG = 1 150 LEDX_IRNG = 2 225 LEDX_IRNG = 3 300 ECG/BioZ channel MOD3RES ADC resolution of ECG and BioZ Modulator 3 20 bit Digital inputs (SDA_MOSI, SCL, EXTCLK_SYNC, CSXN, GPIO) VIH Input high VIOVDD × 0.7 V VIL Input low VIOVDD × 0.3 V |