Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS5912 Fiches technique(PDF) 5 Page - OSRAM GmbH

No de pièce AS5912
Description  AS5912 512-channel low noise current-to-digital converter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  OSRAM [OSRAM GmbH]
Site Internet  http://www.osram.com
Logo OSRAM - OSRAM GmbH

AS5912 Fiches technique(HTML) 5 Page - OSRAM GmbH

  AS5912 Datasheet HTML 1Page - OSRAM GmbH AS5912 Datasheet HTML 2Page - OSRAM GmbH AS5912 Datasheet HTML 3Page - OSRAM GmbH AS5912 Datasheet HTML 4Page - OSRAM GmbH AS5912 Datasheet HTML 5Page - OSRAM GmbH AS5912 Datasheet HTML 6Page - OSRAM GmbH AS5912 Datasheet HTML 7Page - OSRAM GmbH AS5912 Datasheet HTML 8Page - OSRAM GmbH AS5912 Datasheet HTML 9Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
AS5912
General description
Short Datasheet
• PUBLIC • Document Feedback
DS001050
• v1-00 • 2024-Feb-16
5 / 9
/
1.3
Block diagram and cross section
The functional blocks of this device are shown below:
Figure 1: Functional blocks of AS5912 for true ground concept
x16
Fine quantizer
A
D
16:1 Multiplexer
Decimation Filter
& Data Processing
AVDDR
AVSS
DVSS
DVDD
AVSSR
AVSS_REF
PD<0:>
Positive
LDO
Negative
LDO
AGND
ADC
Coarse Quantizer
Sample & Hold
S/H
INT
PD<15>
ADC
S/H
INT
x16
A
D
PD<495>
ADC
S/H
INT
PD<511>
ADC
S/H
INT
x32
LVDS
Interface
CLK_P/N
DATA1_P/N
DATA2_P/N
ACI_P/N
ACO_P/N
AGND_AC
Ref. Buffer
REF
Internal
Refernce
Temperature
Sensor
Register Map
&
Digital Control
SCLK
SCS_N
SDI
SDO
RESET_N
C11
C3
VREF_IN
VREF_NEG
C8/C9
C0/C6
C1/C5
C4
AVDDB
AVSSB_
PWR
Digital
LDO
C7
C10
VDD
VSS
AS5912 FBGA
AVSSB_
SP
VSSUB
ACLK
SYNC
D_START
DISCARD
Built-in
Diagnostic
Auto
Calibration
Power Supply
Monitors
Heater



Html Pages

1 2 3 4 5 6 7 8 9