Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

APT8030JN Fiches technique(PDF) 2 Page - Inchange Semiconductor Company Limited

No de pièce APT8030JN
Description  N-Channel MOSFET Transistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ISC [Inchange Semiconductor Company Limited]
Site Internet  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

APT8030JN Fiches technique(HTML) 2 Page - Inchange Semiconductor Company Limited

  APT8030JN Datasheet HTML 1Page - Inchange Semiconductor Company Limited APT8030JN Datasheet HTML 2Page - Inchange Semiconductor Company Limited APT8030JN Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ISFM1281
eq APT8030JN
N-Channel MOSFET Transistor
www.iscsemi.com
2
ELECTRICAL CHARACTERISTICS (TC=25℃)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
V(BR)DSS
Drain-Source Breakdown Voltage
VGS= 0, ID= 0.25mA
800
-
-
V
IDSS
Zero Gate Voltage Drain Current
VDS= 800V, VGS= 0
-
-
250
uA
IGSS
Gate-Body Leakage Current
VGS= ±30V,VDS= 0
-
-
±
100
nA
VGS(th)
Gate Threshold Voltage
VDS= VGS, ID= 2.5mA
2.0
-
4.0
V
RDS(on)
Drain-Source On-Resistance
VGS= 10V, ID= 13.5A
-
-
0.3
Ω
VSD
Diode Forward Voltage
ISD= 27A, VGS= 0V
-
-
1.8
V
PACKAGE OUTLINE (UNIT: mm):
DIM
Millimeter
min
max
A
31.40
31.60
B
7.70
8.10
C
4.20
4.40
D
4.20
4.40
E
4.10
4.40
F
14.90
15.10
G
30.10
30.30
H
38.00
38.40
J
12.00
12.60
K
9.35
9.65
L
0.74
0.84
M
12.30
12.70
N
24.40
25.00
0
1.90
2.10
P
2.92
3.32
Q
26.60
27.00
R
3.80
4.20
S
4.95
5.45
T
23.70
24.30
U
0
0.10
V
3.50
5.50
W
20.15
20.45
Z
2.50
2.70



Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com