Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

C8051F360 Fiches technique(PDF) 89 Page - Silicon Laboratories

No de pièce C8051F360
Description  Mixed Signal ISP Flash MCU Family
PDF  288 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SILABS [Silicon Laboratories]
Site Internet  http://www.silabs.com
Logo SILABS - Silicon Laboratories

C8051F360 Fiches technique(HTML) 89 Page - Silicon Laboratories

Back Button C8051F360 Datasheet HTML 85Page - Silicon Laboratories C8051F360 Datasheet HTML 86Page - Silicon Laboratories C8051F360 Datasheet HTML 87Page - Silicon Laboratories C8051F360 Datasheet HTML 88Page - Silicon Laboratories C8051F360 Datasheet HTML 89Page - Silicon Laboratories C8051F360 Datasheet HTML 90Page - Silicon Laboratories C8051F360 Datasheet HTML 91Page - Silicon Laboratories C8051F360 Datasheet HTML 92Page - Silicon Laboratories C8051F360 Datasheet HTML 93Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 288 page
background image
SFRNEXT
SFRPAGE
SFRLAST
CIP-51
Interrupt
Logic
SFRPGCN Bit
Rev. 1.0
89
C8051F360/1/2/3/4/5/6/7/8/9
Figure 9.3. SFR Page Stack
Automatic hardware switching of the SFR Page on interrupts may be enabled or disabled as desired using
the SFR Automatic Page Control Enable Bit located in the SFR Page Control Register (SFR0CN). This
function defaults to ‘enabled’ upon reset. In this way, the autoswitching function will be enabled unless dis-
abled in software.
A summary of the SFR locations (address and SFR page) is provided in Table 9.2. in the form of an SFR
memory map. Each memory location in the map has an SFR page row, denoting the page in which that
SFR resides. Note that certain SFR’s are accessible from ALL SFR pages, and are denoted by the back-
ground shading in the table. For example, the Port I/O registers P0, P1, P2, and P3 all have a shaded
background, indicating these SFR’s are accessible from all SFR pages regardless of the SFRPAGE regis-
ter value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More