| Moteur de recherche de fiches techniques de composants électroniques |
|
UCS1002-3 Fiches technique(PDF) 12 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
UCS1002-3 Fiches technique(HTML) 12 Page - Microchip Technology |
|
12 / 114 page ![]() UCS1002-3 DS20006852A-page 12 2023 Microchip Technology Inc. and its subsidiaries FIGURE 1-1: USB Rise Time/Fall Time Measurement. FIGURE 1-2: Description of DC Terms. TABLE 1-3: TEMPERATURE SPECIFICATIONS Parameter Sym. Min. Typ. Max. Unit Conditions Temperature Ranges Operating Temperature Range TA -40 — +125 °C Storage Temperature Range TA -55 — +150 °C Thermal Package Resistances – see Table 1-1 DPIN DPOUT RCHG VBUS VTST RCHG ITST DMIN RCHG VBUS VTST RCHG ITST DMOUT |