Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UCS1002-3 Fiches technique(PDF) 105 Page - Microchip Technology

No de pièce UCS1002-3
Description  Programmable USB Port Power Controller with Charger Emulation
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS1002-3 Fiches technique(HTML) 105 Page - Microchip Technology

Back Button UCS1002-3 Datasheet HTML 101Page - Microchip Technology UCS1002-3 Datasheet HTML 102Page - Microchip Technology UCS1002-3 Datasheet HTML 103Page - Microchip Technology UCS1002-3 Datasheet HTML 104Page - Microchip Technology UCS1002-3 Datasheet HTML 105Page - Microchip Technology UCS1002-3 Datasheet HTML 106Page - Microchip Technology UCS1002-3 Datasheet HTML 107Page - Microchip Technology UCS1002-3 Datasheet HTML 108Page - Microchip Technology UCS1002-3 Datasheet HTML 109Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 114 page
background image
 2023 Microchip Technology Inc. and its subsidiaries
DS20006852A-page 105
UCS1002-3
12.0 PACKAGING INFORMATION
12.1
Package Marking Information
20-Lead QFN (4x4x0.9 mm)
Example
U1002-3
YWWNNNA
<R><COO>
U1002-3
350256A
ETW
Legend: XX...X
Product Code or Customer-specific information
Y
Year code (last digit of calendar year)
YY
Year code (last 2 digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code
<R>
Part revision code (one to three characters)
<COO> Country of origin
Pb-free JEDEC designator for Matte Tin (Sn)
*
This package is Pb-free. The Pb-free JEDEC designator (
)
can be found on the outer packaging for this package.
3
e
3
e
Note:
In the event the full Microchip part number cannot be marked on one line, it will
be carried over to the next line, thus limiting the number of available
characters for customer-specific information. Package may or not include the
corporate logo.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More