| Moteur de recherche de fiches techniques de composants électroniques |
|
TCP Fiches technique(PDF) 1 Page - HMS Networks. |
|
|
|||||||||||||||||||||||||||||
TCP Fiches technique(HTML) 1 Page - HMS Networks. |
|
1 / 2 page ![]() PRODUCT SHEET Modbus TCP Clients Need to connect your Modbus TCP device to another device run- ning on different industrial networks? The Anybus Communicator has your back! No special cables, software, or training is required. The Modbus TCP Client from Anybus are designed to ensure reli- able, secure, and high-speed data transfer between Modbus TCP and different industrial Ethernet and Fieldbus networks. Very easy to install and deploy, the stand-alone gateways enable transparent data exchange allowing you to both bridge and integrate legacy equipment into modern high-performance networks. High performance Instant data transfer of up to 1500 bytes with hardware accelerated endian con- version (byte swap) enables you to take full advantage of high-speed industrial networks. Cybersecurity Designed to keep you safe from cyberat- tacks. Secure boot protects you against malicious software and a security switch adds physical protection to prevent un- authorized configuration changes. Durability Built using carefully selected industrial components and verified against indus- try standards. Proven network confor- mance thanks to the market-leading NP40 network processor. User-friendly Fast installation and configuration are guaranteed thanks to an intuitive web user interface, ethernet configuration cable, easy-to-understand documenta- tion, and effective housing design. Product selection Article nr Control system Device(s) ABC3213 PROFINET Modbus TCP ABC3207 Ethernet/IP Modbus TCP ABC3200 PROFIBUS Modbus TCP ABC3261 EtherCAT Modbus TCP ABC3290 Common Eth.* Modbus TCP *Common ethernet: select among EtherNet/IP, EtherCAT and PROFINET control system Communicator |
Numéro de pièce similaire - TCP |
|
Description similaire - TCP |