| Moteur de recherche de fiches techniques de composants électroniques |
|
PLC Fiches technique(PDF) 1 Page - HMS Networks. |
|
|
|||||||||||||||||||||||||||||
PLC Fiches technique(HTML) 1 Page - HMS Networks. |
|
1 / 2 page ![]() DATASHEET Communicator Control System (PLC) to Control System (PLC) Need to connect PLCs running on different industrial networks? The Anybus Communicator has your back! There’s an Anybus Com- municator to transfer data over any combination of major industrial networks. No special cables, software, or training is required. Anybus Communicators are designed to ensure reliable, secure, and high-speed data transfer between different industrial Ethernet and Fieldbus networks. Very easy to install and deploy, the stand- alone gateways enable transparent data exchange between PLCs allowing you to both bridge and integrate legacy equipment into modern high-performance networks. High performance Instant data transfer of up to 1500 bytes with hardware accelerated endian con- version (byte swap) enables you to take full advantage of high-speed industrial networks. Cybersecurity Designed to keep you safe from cyberat- tacks. Secure boot protects you against malicious software and a security switch adds physical protection to prevent un- authorized configuration changes. Durability Built using carefully selected industrial components and verified against indus- try standards. Proven network confor- mance thanks to the market-leading NP40 network processor. User-friendly Fast installation and configuration are guaranteed thanks to an intuitive web user interface, ethernet configuration cable, easy-to-understand documenta- tion, and effective housing design. Product selection Article nr Control sys. 1 Control sys 2. Replaces Article nr Control sys. 1 Control sys 2. Replaces ABC4011 EtherNet/IP Modbus TCP AB7632 ABC4012 EtherNet/IP EtherCAT AB7682 ABC4013 PROFINET EtherNet/IP AB7649 ABC4014 PROFIBUS EtherNet/IP AB7832 ABC4016 Modbus TCP EtherCAT AB7901 ABC4017 PROFINET Modbus TCP AB7650 ABC4018 PROFIBUS Modbus TCP AB7634 ABC4020 PROFINET EtherCAT AB7684 ABC4021 EtherCAT PROFIBUS AB7685 ABC4023 PROFINET PROFIBUS AB7652 ABC4090 Common eth* Common eth* ABC4091 Common eth* PROFIBUS *Common ethernet: select among EtherCAT, EtherNet/IP, Modbus TCP and PROFINET control system ABC4010 EtherNet/IP EtherNet/IP AB7831 ABC4022 PROFINET PROFINET AB7651 |
Numéro de pièce similaire - PLC |
|
Description similaire - PLC |