Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

150.080 Fiches technique(PDF) 6 Page - France Joint

No de pièce 150.080
Description  ROD SEALS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FRANCEJOINT [France Joint]
Site Internet  https://www.francejoint.com/en/
Logo FRANCEJOINT - France Joint

150.080 Fiches technique(HTML) 6 Page - France Joint

  150.080 Datasheet HTML 1Page - France Joint 150.080 Datasheet HTML 2Page - France Joint 150.080 Datasheet HTML 3Page - France Joint 150.080 Datasheet HTML 4Page - France Joint 150.080 Datasheet HTML 5Page - France Joint 150.080 Datasheet HTML 6Page - France Joint  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
FRANCE JOINT SAS Zone Artisanale Le Mortier - B.P. 50009 - Cugand - 85613 Montaigu Cedex - France
Ph.
+33 (0)2 51 42 13 76 - Fax +33 (0)2 51 43 61 14 - Email: contact@francejoint.fr - Website: www.francejoint.com
Part number
Rod
diameter
Ød1 f8/h9
Groove
diameter
ØD1 H9
Groove
width
L1 0/+0.20
150.175
175.00
190.10
6.30
154.175
175.00
195.50
8.10
152.180
180.00
190.70
4.20
150.180
180.00
195.10
6.30
154.180
180.00
200.50
8.10
152.185
185.00
195.70
4.20
150.185
185.00
200.10
6.30
154.185
185.00
205.50
8.10
152.190
190.00
200.70
4.20
150.190
190.00
205.10
6.30
154.190
190.00
210.50
8.10
152.195
195.00
205.70
4.20
150.195
195.00
210.10
6.30
154.195
195.00
215.50
8.10
152.200
200.00
215.10
6.30
150.200
200.00
220.50
8.10
154.200
200.00
224.00
8.10
152.210
210.00
225.10
6.30
150.210
210.00
230.50
8.10
154.210
210.00
234.00
8.10
152.215
215.00
230.10
6.30
150.215
215.00
235.50
8.10
154.215
215.00
239.00
8.10
152.220
220.00
235.10
6.30
150.220
220.00
240.50
8.10
154.220
220.00
244.00
8.10
152.230
230.00
245.10
6.30
150.230
230.00
250.50
8.10
154.230
230.00
254.00
8.10
152.240
240.00
255.10
6.30
150.240
240.00
260.50
8.10
154.240
240.00
264.00
8.10
152.250
250.00
265.10
6.30
150.250
250.00
270.50
8.10
154.250
250.00
274.00
8.10
152.260
260.00
280.50
8.10
150.260
260.00
284.00
8.10
154.260
260.00
287.30
9.50
152.270
270.00
290.50
8.10
150.270
270.00
294.00
8.10
154.270
270.00
297.30
9.50
152.275
275.00
295.50
8.10
150.275
275.00
299.00
8.10
154.275
275.00
302.30
9.50
152.280
280.00
300.50
8.10
150.280
280.00
304.00
8.10
154.280
280.00
307.30
9.50
152.285
285.00
305.50
8.10
150.285
285.00
309.00
8.10
154.285
285.00
312.30
9.50
152.290
290.00
310.50
8.10
150.290
290.00
314.00
8.10
154.290
290.00
317.30
9.50
152.295
295.00
315.50
8.10
150.295
295.00
319.00
8.10
154.295
295.00
322.30
9.50
152.300
300.00
320.50
8.10
150.300
300.00
324.00
8.10
154.300
300.00
327.30
9.50
152.305
305.00
325.50
8.10
150.305
305.00
329.00
8.10
Part number
Rod
diameter
Ød1 f8/h9
Groove
diameter
ØD1 H9
Groove
width
L1 0/+0.20
154.305
305.00
332.30
9.50
152.310
310.00
330.50
8.10
150.310
310.00
334.00
8.10
154.310
310.00
337.30
9.50
152.320
320.00
340.50
8.10
150.320
320.00
344.00
8.10
154.320
320.00
347.30
9.50
152.330
330.00
350.50
8.10
150.330
330.00
354.00
8.10
154.330
330.00
357.30
9.50
152.340
340.00
360.50
8.10
150.340
340.00
364.00
8.10
154.340
340.00
367.30
9.50
152.350
350.00
370.50
8.10
150.350
350.00
374.00
8.10
154.350
350.00
377.30
9.50
152.360
360.00
380.50
8.10
150.360
360.00
384.00
8.10
154.360
360.00
387.30
9.50
152.370
370.00
390.50
8.10
150.370
370.00
394.00
8.10
154.370
370.00
397.30
9.50
152.380
380.00
400.50
8.10
150.380
380.00
404.00
8.10
154.380
380.00
407.30
9.50
152.390
390.00
410.50
8.10
150.390
390.00
414.00
8.10
154.390
390.00
417.30
9.50
152.400
400.00
420.50
8.10
150.400
400.00
424.00
8.10
154.400
400.00
427.30
9.50
152.410
410.00
430.50
8.10
150.410
410.00
434.00
8.10
154.410
410.00
437.30
9.50
152.420
420.00
440.50
8.10
150.420
420.00
444.00
8.10
154.420
420.00
447.30
9.50
152.430
430.00
450.50
8.10
150.430
430.00
454.00
8.10
154.430
430.00
457.30
9.50
152.440
440.00
460.50
8.10
150.440
440.00
464.00
8.10
154.440
440.00
467.30
9.50
152.450
450.00
470.50
8.10
150.450
450.00
474.00
8.10
154.450
450.00
477.30
9.50
152.460
460.00
480.50
8.10
150.460
460.00
484.00
8.10
154.460
460.00
487.30
9.50
152.470
470.00
490.50
8.10
150.470
470.00
494.00
8.10
154.470
470.00
497.30
9.50
152.480
480.00
500.50
8.10
150.480
480.00
504.00
8.10
154.480
480.00
507.30
9.50
152.490
490.00
510.50
8.10
150.490
490.00
514.00
8.10
154.490
490.00
517.30
9.50
152.500
500.00
520.50
8.10
150.500
500.00
524.00
8.10
154.500
500.00
527.30
9.50
The figures highlighted in bold correspond to the rod diameters that are recommended by standard ISO 3320. Other intermediate sizes can
be provided.
HYDRAULIC SEALS | ROD SEALS |
BECA 150 - 152 - 154



Html Pages

1 2 3 4 5 6