Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PI74FCT3244L Fiches technique(PDF) 7 Page - Pericom Semiconductor Corporation

No de pièce PI74FCT3244L
Description  Fast CMOS 3.3V 8-Bit Buffer/Line Driver
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PERICOM [Pericom Semiconductor Corporation]
Site Internet  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI74FCT3244L Fiches technique(HTML) 7 Page - Pericom Semiconductor Corporation

  PI74FCT3244L Datasheet HTML 1Page - Pericom Semiconductor Corporation PI74FCT3244L Datasheet HTML 2Page - Pericom Semiconductor Corporation PI74FCT3244L Datasheet HTML 3Page - Pericom Semiconductor Corporation PI74FCT3244L Datasheet HTML 4Page - Pericom Semiconductor Corporation PI74FCT3244L Datasheet HTML 5Page - Pericom Semiconductor Corporation PI74FCT3244L Datasheet HTML 6Page - Pericom Semiconductor Corporation PI74FCT3244L Datasheet HTML 7Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
PI74FCT3244
3.3V 8-Bit Buffer/Line Driver
7
PS7067I
06/20/06
Pericom Semiconductor Corporation • 1-800-435-2336 • http://www.pericom.com
Ordering Information
Ordering Code
Package Code
Package Description
PI74FCT3244L
L
20-pin 173-mil wide plastic TSSOP
PI74FCT3244LE
L
Pb-free & Green,
20-pin 173-mil wide plastic TSSOP
PI74FCT3244Q
Q
20-pin 150-mil narrow plastic QSOP
PI74FCT3244QE
Q
Pb-free & Green,
20-pin 150-mil narrow plastic QSOP
PI74FCT3244S
S
20-pin 300-mil wide plastic SSOP
PI74FCT3244SE
S
Pb-free & Green,
20-pin 300-mil wide plastic SSOP
Notes:
• Thermal characteristics can be found on the company web site at www.pericom.com/packaging/
• E = Pb-free & Green
• Adding an X suffix = Tape/Reel
06-0218



Html Pages

1 2 3 4 5 6 7