Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

7111WS Fiches technique(PDF) 2 Page - Belden Inc.

No de pièce 7111WS
Description  MachFlex™, 31G C #18 Str BC, PVC-NYL Ins, TPE Jkt, TPE Jkt, 1000V WTTC, 600V TC-ER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  BELDEN [Belden Inc.]
Site Internet  https://www.belden.com/
Logo BELDEN - Belden Inc.

7111WS Fiches technique(HTML) 2 Page - Belden Inc.

  7111WS Datasheet HTML 1Page - Belden Inc. 7111WS Datasheet HTML 2Page - Belden Inc. 7111WS Datasheet HTML 3Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
UL Voltage Rating
1000 V RMS
600 V RMS
Temperature Range
UL Temp Rating:
75°C Dry, 90°C Wet
Other Temp Range:
Flexing: -5°C To +90 °C
Mechanical Characteristics
Oil Resistance:
Yes
UV Resistance:
Yes
Flex Cycle Rating:
10 Million Flexes
Bulk Cable Weight:
96 lbs/1000ft
Max. Pull Tension:
92 lbs
Min. Bend Radius (Continuous Flexing):
3.9 in
Standards
NEC/(UL) Compliance:
TC-ER, WTTC
CEC/C(UL) Compliance:
CIC, TC
UL AWM Style Compliance:
AWM 20328
CSA AWM Compliance:
AWM I/II A/B
Applicable Environmental and Other Programs
EU Directive 2000/53/EC (ELV):
Yes
EU Directive 2003/96/EC (BFR):
Yes
EU Directive 2011/65/EU (RoHS 2):
Yes
EU Directive 2012/19/EU (WEEE):
Yes
EU Directive 2015/863/EU (RoHS 2 amendment): Yes
EU Directive Compliance:
EU Directive 2003/11/EC (BFR)
MII Order #39 (China RoHS):
Yes
Suitability
Suitability - Non-Halogenated:
No
Suitability - Oil Resistance:
Yes - Oil Res II
Suitability - Sunlight Resistance:
Yes
Flammability, LS0H, Toxicity Testing
UL Flammability:
UL1685 UL Loading
CSA Flammability:
FT4
IEEE Flammability:
IEEE 1202
UL voltage rating:
1000 V RMS
Plenum/Non-Plenum
Plenum (Y/N):
No
Related Part Numbers
Variants
Item #
Color
Put-Up Type Length
UPC
7111WS 0031000 Orange Reel
1,000 ft 612825182184
7111WS 0035000 Orange Reel
5,000 ft 612825182207
Footnote:
C - CRATE REEL PUT-UP.
History
Update and Revision:
Revision Number: 0.391 Revision Date: 01-10-2024



Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com