| Moteur de recherche de fiches techniques de composants électroniques |
|
TPB65R075DFD Fiches technique(PDF) 1 Page - Wuxi Unigroup Microelectronics Company |
|
|
|||||||||||||||||||||||||||||
TPB65R075DFD Fiches technique(HTML) 1 Page - Wuxi Unigroup Microelectronics Company |
|
1 / 10 page ![]() TPB65R075DFD,TPP65R075DFD,TPW65R075DFD Wuxi Unigroup Microelectronics Co.,Ltd V1.0 www.tsinghuaicwx.com Description 650V Super-junction Power MOSFET Super-junction power MOSFET is a revolutionary technology for high voltage power MOSFETs,designed according to the SJ principle. The deep trench SJ MOSFET provide an extremely low switching, communication and conduction losses device with highest robustness make especially resonant switching applications more reliable, more efficient, lighter and cooler, designed by Wuxi Unigroup Microelectronics Company Features l Ultra-fast body diode l Very low FOM RDS(on)×Qg l Easy to use/drive l 100% avalanche tested l RoHS compliant Applications l Switch Mode Power Supply (SMPS) l Uninterruptible Power Supply (UPS) l Power Factor Correction (PFC) l LLC Half-bridge l Charger Device Marking and Package Information Device Package Marking TPB65R075DFD TO-263 65R075DFD TPP65R075DFD TO-220 65R075DFD TPW65R075DFD TO-247 65R075DFD Key Performance Parameters Parameter Value Unit VDS @ Tj,max 700 V RDS(on),max 0.075 Ω Qg,typ 81 nC ID 45 A ID,pulse 135 A EOSS @ 400V 10.29 μJ trr 176 ns Qrr 1.4 μC Irrm 16 A 650V Super-junction Power MOSFET 1 TO-220 TO-247 TO-263 |
Numéro de pièce similaire - TPB65R075DFD |
|
Description similaire - TPB65R075DFD |
|
|
|
Lien URL |
| ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Lien vers la fiche technique | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |