| Moteur de recherche de fiches techniques de composants électroniques |
|
CEZ33V Fiches technique(PDF) 2 Page - Toshiba Semiconductor |
|
|
|||||||||||||||||||||||||||||
CEZ33V Fiches technique(HTML) 2 Page - Toshiba Semiconductor |
|
2 / 28 page ![]() CEZ series 2 5. Absolute Maximum Ratings 2 (Note) (Unless otherwise specified, Ta = 25 �) Type No. CEZ5V6 CEZ6V2 CEZ6V8 CEZ7V5 CEZ8V2 CEZ9V1 CEZ10V CEZ11V CEZ12V CEZ13V CEZ15V CEZ16V CEZ18V CEZ20V CEZ22V CEZ24V CEZ27V CEZ30V CEZ33V CEZ36V Electrostatic discharge voltage (Contact, Air) VESD(kV) (Note 1) ±30 ±30 ±30 ±30 ±30 ±30 ±30 ±30 ±30 ±30 ±30 ±30 ±30 ±30 ±30 ±30 ±20 ±20 ±17 ±12 Peak pulse power PPK(W) (Note 2) 155 175 180 190 200 200 200 200 200 200 200 200 200 200 200 200 200 200 200 200 Peak pulse current IPP(A) (Note 2) 12.0 11.0 10.0 9.5 8.5 8.0 7.5 7.25 7.0 6.5 5.6 5.5 5.1 5.0 4.75 4.5 4.1 4.0 3.5 3.0 Note: Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum ratings. Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook ("Handling Precautions"/"Derating Concept and Methods") and individual reliability data (i.e. reliability test report and estimated failure rate, etc). Note1: According to IEC61000-4-2. Note2: According to IEC61000-4-5 (tp = 8 / 20 µs) 2023-12-15 Rev.4.0 ©2023 Toshiba Electronic Devices & Storage Corporation |