Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

EMC2101-R-ACZL-TR Fiches technique(PDF) 20 Page - Microchip Technology

No de pièce EMC2101-R-ACZL-TR
Description  SMBus Fan Control with 1°C Accurate Temperature Monitoring
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

EMC2101-R-ACZL-TR Fiches technique(HTML) 20 Page - Microchip Technology

Back Button EMC2101-R-ACZL-TR Datasheet HTML 16Page - Microchip Technology EMC2101-R-ACZL-TR Datasheet HTML 17Page - Microchip Technology EMC2101-R-ACZL-TR Datasheet HTML 18Page - Microchip Technology EMC2101-R-ACZL-TR Datasheet HTML 19Page - Microchip Technology EMC2101-R-ACZL-TR Datasheet HTML 20Page - Microchip Technology EMC2101-R-ACZL-TR Datasheet HTML 21Page - Microchip Technology EMC2101-R-ACZL-TR Datasheet HTML 22Page - Microchip Technology EMC2101-R-ACZL-TR Datasheet HTML 23Page - Microchip Technology EMC2101-R-ACZL-TR Datasheet HTML 24Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 56 page
background image
EMC2101
DS20006703A-page 20
 2022 Microchip Technology Inc. and its subsidiaries
4.7
Fault Queue
The EMC2101 supports a Fault Queue feature to
reduce interrupts caused by spurious temperature
readings. This feature (see Section 5.5 “Configura-
tion Register”) will not trigger an interrupt until the
device has measured three consecutive out-of-limit
HIGH, LOW, or T_CRIT temperature readings. Figure
5.8 shows an example of this behavior. The Fault
Queue only applies to the External Diode channels.
FIGURE 4-8:
Example Fault Queue Response.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56