| Moteur de recherche de fiches techniques de composants électroniques |
|
LV5103LP Fiches technique(PDF) 9 Page - Sanyo Semicon Device |
|
|
|||||||||||||||||||||||||||||
LV5103LP Fiches technique(HTML) 9 Page - Sanyo Semicon Device |
|
9 / 11 page ![]() LV5103LP No.A0585-9/11 Continued from preceding page. Pin No. Pin Functions Equivalent Circuit 12 FBIN Feedback resistor connection for the switching regulator block 14 RREF RREF reference voltage 15 BGR BGR reference voltage 17 RKEYDET PKEYDET pin 18 PWRKEY PWRKEY pin Continued on next page. FBIN 85k Ω 40k Ω GNDSWREG VBAT1 4.8M Ω GNDM RREF 4.8M Ω 10k Ω RREF GNDM BGR 1k Ω VBAT1 GNDM 100k Ω 200 Ω PKEYDET LDO2S VBAT1 GNDM 18k Ω PWRKEY |