Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

3G4SY Fiches technique(PDF) 3 Page - Belden Inc.

No de pièce 3G4SY
Description  MachFlex 350 SY Cables
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  BELDEN [Belden Inc.]
Site Internet  https://www.belden.com/
Logo BELDEN - Belden Inc.

3G4SY Fiches technique(HTML) 3 Page - Belden Inc.

  3G4SY Datasheet HTML 1Page - Belden Inc. 3G4SY Datasheet HTML 2Page - Belden Inc. 3G4SY Datasheet HTML 3Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
MachFlex 350 SY Armored (SY) PVC Control Cables
GALVANIZED STEEL WIRE BRAID SHIELD (GSWB) CABLE WITHOUT (G) PROTECTIVE GROUND
• Putup length & tolerance of the cables will vary depending on the construction of the cable
• MOQ will vary depending on the construction of the cable & provided at the time of quotation
• Cable requested outside the above design criteria can be reviewed and quoted
1 = Conductor
2 = Insulation
3 = Inner Sheath
4 = Galvanized Steel Wire Braid Shield
5 = Outer Sheath
5
4
3
2
1
Conductor 25.00 mm2
No. of
Cores
Nom. Overall
Diameter (mm)
Copper Weight
(kg/km)
EMEA
Part Code
APAC
Part Code
3
25.9
720.00
3XJSY
3X25SY
4
28.6
960.00
4XJSY
4X25SY
5
31.2
1,200.00
5XJSY
5X25SY
7
33.9
1,680.00
7XJSY
7X25SY
Conductor 16.00 mm2
No. of
Cores
Nom. Overall
Diameter (mm)
Copper Weight
(kg/km)
EMEA
Part Code
APAC
Part Code
3
21.4
460.50
3XISY
3X16SY
4
23.6
614.00
4XISY
4X16SY
5
26.1
768.00
5XISY
5X16SY
7
28.4
1,075.00
7XISY
7X16SY
Conductor 4.00 mm2
No. of
Cores
Nom. Overall
Diameter (mm)
Copper Weight
(kg/km)
EMEA
Part Code
APAC
Part Code
3
12.6
115.00
3XFSY
3X4SY
4
13.9
154.00
4XFSY
4X4SY
5
15.1
192.00
5XFSY
5X4SY
7
16.4
269.00
7XFSY
7X4SY
9
19.9
345.90
9XFSY
9X4SY
12
21.5
461.00
12XFSY
12X4SY
Conductor 2.50 mm2
No. of
Cores
Nom. Overall
Diameter (mm)
Copper Weight
(kg/km)
EMEA
Part Code
APAC
Part Code
3
11.0
72.00
3XESY
3X2.5SY
4
11.9
96.00
4XESY
4X2.5SY
5
12.9
120.00
5XESY
5X2.5SY
7
14.2
168.00
7XESY
7X2.5SY
12
18.4
288.00
12XESY
12X2.5SY
20
22.6
480.00
20XESY
20X2.5SY
Conductor 1.50 mm2
No. of
Cores
Nom. Overall
Diameter (mm)
Copper Weight
(kg/km)
EMEA
Part Code
APAC
Part Code
3
9.0
43.00
3XDSY
3X1.5SY
4
9.7
58.00
4XDSY
4X1.5SY
5
10.5
72.00
5XDSY
5X1.5SY
7
11.3
101.00
7XDSY
7X1.5SY
12
14.6
173.00
12XDSY
12X1.5SY
20
17.7
288.30
20XDSY
20X1.5SY
Conductor 1.00 mm2
No. of
Cores
Nom. Overall
Diameter (mm)
Copper Weight
(kg/km)
EMEA
Part Code
APAC
Part Code
3
8.4
28.80
3XCSY
3X1.0SY
4
9.1
38.40
4XCSY
4X1.0SY
5
9.8
48.00
5XCSY
5X1.0SY
7
10.5
67.00
7XCSY
7X1.0SY
12
13.3
115.00
12XCSY
12X1.0SY
20
16.3
192.00
20XCSY
20X1.0SY
Conductor 0.75 mm2
No. of
Cores
Nom. Overall
Diameter (mm)
Copper Weight
(kg/km)
EMEA
Part Code
APAC
Part Code
3
8.0
21.60
3XBSY
3X0.75SY
4
8.6
28.80
4XBSY
4X0.75SY
5
9.2
36.00
5XBSY
5X0.75SY
7
9.9
50.00
7XBSY
7X0.75SY
12
12.4
86.00
12XBSY
12X0.75SY
20
15.2
143.30
20XBSY
20X0.75SY
Conductor 0.50 mm2
No. of
Cores
Nom. Overall
Diameter (mm)
Copper Weight
(kg/km)
EMEA
Part Code
APAC
Part Code
3
7.5
14.40
3XASY
3X0.5SY
4
8.0
19.20
4XASY
4X0.5SY
5
8.5
24.00
5XASY
5X0.5SY
7
9.1
33.60
7XASY
7X0.5SY
12
11.4
58.00
12XASY
12X0.5SY
20
13.9
96.70
20XASY
20X0.5SY
Conductor 10.00 mm2
No. of
Cores
Nom. Overall
Diameter (mm)
Copper Weight
(kg/km)
EMEA
Part Code
APAC
Part Code
3
18.0
288.00
3XHSY
3X10SY
4
19.8
384.00
4XHSY
4X10SY
5
21.7
480.00
5XHSY
5X10SY
7
23.7
672.00
7XHSY
7X10SY
9
29.1
864.00
9XHSY
9X10SY
Conductor 6.00 mm2
No. of
Cores
Nom. Overall
Diameter (mm)
Copper Weight
(kg/km)
EMEA
Part Code
APAC
Part Code
3
14.9
172.80
3XGSY
3X6SY
4
16.2
230.00
4XGSY
4X6SY
5
17.7
288.00
5XGSY
5X6SY
7
19.3
403.00
7XGSY
7X6SY
9
23.5
518.10
9XGSY
9X6SY



Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com