| Moteur de recherche de fiches techniques de composants électroniques |
|
G113 Fiches technique(PDF) 1 Page - Multicomp Pro |
|
|
|||||||||||||||||||||||||||||
G113 Fiches technique(HTML) 1 Page - Multicomp Pro |
|
1 / 2 page ![]() Page <1> V1.0 04/08/20 Diecast Aluminium Enclosures Newark.com/multicomp-pro Farnell.com/multicomp-pro Element14.com/multicomp-pro Dimensions : Millimetres Features • Designed to meet IP65 and NEMA4 through the use of neoprene gasket with the universal tongue and groove seal system • Ideal for industrial and automation engineering • Wall mounting holes and lid fixing screws are outside the sealing area for real sealing protection • Finish : Natural aluminium colour, coated light grey finish Diagram G104 G106 |
Numéro de pièce similaire - G113 |
|
Description similaire - G113 |