| Moteur de recherche de fiches techniques de composants électroniques |
|
PM8620 Fiches technique(PDF) 13 Page - PMC-Sierra, Inc |
|
|
|||||||||||||||||||||||||||||
PM8620 Fiches technique(HTML) 13 Page - PMC-Sierra, Inc |
|
13 / 190 page ![]() NSE-20G™ Standard Product Data Sheet Preliminary Proprietary and Confidential to PMC-Sierra, Inc., and for its Customers’ Internal Use 12 Document ID: PMC-2000170, Issue 3 2 Applications The PM8620 Narrowband Switch Element (NSE) supports a variety of flexible Layer 1 and Layer 2 architectures in combination with the following PMC-Sierra devices: • PM8610 SBS and PM8611 SBS-lite (SBI Serializer and Memory switching stage) • SBI bus devices (PM8315 TEMUX™/PM5365 TEMAP, FREEDM™ devices, S/UNI®-IMA devices, AAL1gator™ devices, and other future devices) • CHESS chip set devices (PM5374 TSE, PM5307 TBS, PM5315 SPECTRA™-2488, and PM7390 S/UNI®-MACH48) These architectures include: • T1/E1 SONET Add/Drop Multiplexers (ADMs) • TDM ASAP applications • PHY cards with DS0 (and above) level switching • PSTN replacement switching cores, as part of any-service-any-port applications • Voice Gateways |