Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MICRF112YMM Fiches technique(PDF) 29 Page - Microchip Technology

No de pièce MICRF112YMM
Description  The MICRF112 is a high-performance, easy-to-use, true “Data-In, RF-Out”, ASK/FSK, Phase-Locked Loop (PLL)- based, transmitter IC for applications in the 300 MHz to 450 MHz frequency range.
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MICRF112YMM Fiches technique(HTML) 29 Page - Microchip Technology

Back Button MICRF112YMM Datasheet HTML 25Page - Microchip Technology MICRF112YMM Datasheet HTML 26Page - Microchip Technology MICRF112YMM Datasheet HTML 27Page - Microchip Technology MICRF112YMM Datasheet HTML 28Page - Microchip Technology MICRF112YMM Datasheet HTML 29Page - Microchip Technology MICRF112YMM Datasheet HTML 30Page - Microchip Technology MICRF112YMM Datasheet HTML 31Page - Microchip Technology MICRF112YMM Datasheet HTML 32Page - Microchip Technology MICRF112YMM Datasheet HTML 33Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 46 page
background image
MICRF112
Demo Board PCB Layout
Data Sheet
© 2024 Microchip Technology Inc. and its subsidiaries
DS70005554A - 29
8.
Demo Board PCB Layout
Figure 8-1. Assembly Drawing MICRF112 Evaluation Board (MSOP)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46