Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PCM4220PFB Fiches technique(PDF) 29 Page - Texas Instruments

Click here to check the latest version.
No de pièce PCM4220PFB
Description  High-Performance, Two-Channel, 24-Bit, 216kHz Sampling Multi-Bit Delta-Sigma Analog-to-Digital Converter
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

PCM4220PFB Fiches technique(HTML) 29 Page - Texas Instruments

Back Button PCM4220PFB Datasheet HTML 25Page - Texas Instruments PCM4220PFB Datasheet HTML 26Page - Texas Instruments PCM4220PFB Datasheet HTML 27Page - Texas Instruments PCM4220PFB Datasheet HTML 28Page - Texas Instruments PCM4220PFB Datasheet HTML 29Page - Texas Instruments PCM4220PFB Datasheet HTML 30Page - Texas Instruments PCM4220PFB Datasheet HTML 31Page - Texas Instruments PCM4220PFB Datasheet HTML 32Page - Texas Instruments PCM4220PFB Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 34 page
background image
www.ti.com
PCM4220
SBAS407A – DECEMBER 2006 – REVISED MAY 2007
The DIT channel status (C) and user (U) data bits in register page 2 may be programmed after the DIT block
has powered up. To program these bits, disable buffer transfers by setting the BTD bit in control register 0x08 to
'1'. Then, select register page 2 using register address 0x7F. You can now load the necessary C and U data
registers for the intended application by writing the corresponding data buffer addresses. When you have
finished writing the C and U data, select register page 0 using register address 0x7F. Re-enable buffer transfers
by setting the BTD bit in control register 0x08 to '0'.
29
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34