Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PCF8534H Fiches technique(PDF) 2 Page - NXP Semiconductors

No de pièce PCF8534H
Description  Universal LCD driver for low multiplex rates
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8534H Fiches technique(HTML) 2 Page - NXP Semiconductors

  PCF8534H Datasheet HTML 1Page - NXP Semiconductors PCF8534H Datasheet HTML 2Page - NXP Semiconductors PCF8534H Datasheet HTML 3Page - NXP Semiconductors PCF8534H Datasheet HTML 4Page - NXP Semiconductors PCF8534H Datasheet HTML 5Page - NXP Semiconductors PCF8534H Datasheet HTML 6Page - NXP Semiconductors PCF8534H Datasheet HTML 7Page - NXP Semiconductors PCF8534H Datasheet HTML 8Page - NXP Semiconductors PCF8534H Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 40 page
background image
PCF8534_0
© NXP B.V. 2007. All rights reserved.
Preliminary datasheet
Rev. 00.05 — 20 February 2007
2 of 40
NXP Semiconductors
PCF8534
Universal LCD driver for low multiplex rates
3.
Ordering information
Table 1.
Ordering information
Type number
Topside
mark
Package
Name
Description
Version
PCF8534H
PCF8534H LQFP80
plastic, low profile, quad flat package; 80 leads; body 12 x 12 x 1.4 mm SOT315-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40