Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PCA9673DB Fiches technique(PDF) 7 Page - NXP Semiconductors

No de pièce PCA9673DB
Description  Remote 16-bit I/O expander for Fm I2C-bus with interrupt and reset
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA9673DB Fiches technique(HTML) 7 Page - NXP Semiconductors

Back Button PCA9673DB Datasheet HTML 3Page - NXP Semiconductors PCA9673DB Datasheet HTML 4Page - NXP Semiconductors PCA9673DB Datasheet HTML 5Page - NXP Semiconductors PCA9673DB Datasheet HTML 6Page - NXP Semiconductors PCA9673DB Datasheet HTML 7Page - NXP Semiconductors PCA9673DB Datasheet HTML 8Page - NXP Semiconductors PCA9673DB Datasheet HTML 9Page - NXP Semiconductors PCA9673DB Datasheet HTML 10Page - NXP Semiconductors PCA9673DB Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 33 page
background image
PCA9673_1
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 01 — 1 February 2007
7 of 33
NXP Semiconductors
PCA9673
Remote 16-bit I/O expander for Fm+ I2C-bus with interrupt and reset
7.1.1 Address maps
7.2 Software Reset call, and Device ID addresses
Two other different addresses can be sent to the PCA9673.
• General Call address: allows to reset the PCA9673 through the I2C-bus upon
reception of the right I2C-bus sequence. See Section 7.2.1 “Software Reset” for more
information.
• Device ID address: allows to read ID information from the device (manufacturer, part
identification, revision). See Section 7.2.2 “Device ID (PCA9673 ID field)” for more
information.
Table 3.
PCA9673 address map
AD1
AD0
A6
A5
A4
A3
A2
A1
A0
Address (hex)
SCL
VSS
001010028h
SCL
VDD
00101012Ah
SDA
VSS
00101102Ch
SDA
VDD
00101112Eh
SCL
SCL
001110038h
SCL
SDA
00111013Ah
SDA
SCL
00111103Ch
SDA
SDA
00111113Eh
VSS
VSS
010010048h
VSS
VDD
01001014Ah
VDD
VSS
01001104Ch
VDD
VDD
01001114Eh
VSS
SCL
010110058h
VSS
SDA
01011015Ah
VDD
SCL
01011105Ch
VDD
SDA
01011115Eh
Fig 10. General Call address
Fig 11. Device ID address
0
002aac155
0
0
0
0
0
0
0
R/W
R/W
002aab638
1
1
1
1
1
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33