Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MLZ2012N100LT000 Fiches technique(PDF) 10 Page - Renesas Technology Corp

No de pièce MLZ2012N100LT000
Description  Advanced Analog GreenPAK Evaluation Board
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

MLZ2012N100LT000 Fiches technique(HTML) 10 Page - Renesas Technology Corp

Back Button MLZ2012N100LT000 Datasheet HTML 6Page - Renesas Technology Corp MLZ2012N100LT000 Datasheet HTML 7Page - Renesas Technology Corp MLZ2012N100LT000 Datasheet HTML 8Page - Renesas Technology Corp MLZ2012N100LT000 Datasheet HTML 9Page - Renesas Technology Corp MLZ2012N100LT000 Datasheet HTML 10Page - Renesas Technology Corp MLZ2012N100LT000 Datasheet HTML 11Page - Renesas Technology Corp MLZ2012N100LT000 Datasheet HTML 12Page - Renesas Technology Corp MLZ2012N100LT000 Datasheet HTML 13Page - Renesas Technology Corp MLZ2012N100LT000 Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
UM-GP-005
Advanced Analog GreenPAK Evaluation Board
User Manual
Revision 1.2
21-Mar-2022
CFR0012
10 of 21
© 2022 Renesas Electronics Corporation
Table 4: Rheostat TP List
Section
TP List
Rheostat 0
X3, X6, X10
Rheostat 1
X19, X22, X28
4.2.3
Analog Switch 0/1 Sections
The rail-to-rail analog switches within AA PAK are unique in that AS0 has been optimized for high-side
performance while AS1 has been designed for low-side applications. This flexibility provides a variety
of different applications spaces including the examples listed below:
● High-Side, Low-Side Switch
● Current Source, Sink
● Voltage Regulation
● Half Bridge
● Sample and Hold Circuit
Similar to the rheostats, there are additional connection options available to connect the AS devices to
VDDA, GND, and the OpAmp Inputs/Outputs. Refer to Table 5 for a list of test points associated with
each analog switch.
Table 5: Analog Switch TP List
Section
TP List
Analog Switch 0
X8, X12
Analog Switch 1
X18, X23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22