Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STAR250BK7 Fiches technique(PDF) 7 Page - Cypress Semiconductor

No de pièce STAR250BK7
Description  250K Pixel Radiation Hard CMOS Image Sensor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CYPRESS [Cypress Semiconductor]
Site Internet  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

STAR250BK7 Fiches technique(HTML) 7 Page - Cypress Semiconductor

Back Button STAR250BK7 Datasheet HTML 3Page - Cypress Semiconductor STAR250BK7 Datasheet HTML 4Page - Cypress Semiconductor STAR250BK7 Datasheet HTML 5Page - Cypress Semiconductor STAR250BK7 Datasheet HTML 6Page - Cypress Semiconductor STAR250BK7 Datasheet HTML 7Page - Cypress Semiconductor STAR250BK7 Datasheet HTML 8Page - Cypress Semiconductor STAR250BK7 Datasheet HTML 9Page - Cypress Semiconductor STAR250BK7 Datasheet HTML 10Page - Cypress Semiconductor STAR250BK7 Datasheet HTML 11Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
CYIS1SM0250-AA
Document Number: 38-05713 Rev. *B
Page 7 of 24
Figure 4. Dark Current Increase
Figure 5. shows the percentage of pixels with a dark current
increase under 11.7 Mev radiation with protons.
Absolute Ratings are those values beyond that damage to the
device may occur.
Figure 5. Percentage of Pixels with Dark Current Increase
0
0,2
0,4
0,6
0,8
1
1,2
1,4
02
46
8
10
12
Total Ionizing Dose [Mrad(Si)]
Notes
1. All parameters are characterized for DC conditions after establishing thermal equilibrium.
2. Unused inputs must always be tied to an appropriate logic level, e.g. either VDD or GND.
3. This device contains circuitry to protect the inputs against damage due to high static voltages or electric fields. Take, normal precautions to avoid applying any
voltages higher than the maximum rated voltages to this high-impedance circuit.
[+] Feedback
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24