Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STAR1000 Fiches technique(PDF) 16 Page - Cypress Semiconductor

No de pièce STAR1000
Description  1M Pixel Radiation Hard CMOS Image Sensor
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CYPRESS [Cypress Semiconductor]
Site Internet  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

STAR1000 Fiches technique(HTML) 16 Page - Cypress Semiconductor

Back Button STAR1000 Datasheet HTML 12Page - Cypress Semiconductor STAR1000 Datasheet HTML 13Page - Cypress Semiconductor STAR1000 Datasheet HTML 14Page - Cypress Semiconductor STAR1000 Datasheet HTML 15Page - Cypress Semiconductor STAR1000 Datasheet HTML 16Page - Cypress Semiconductor STAR1000 Datasheet HTML 17Page - Cypress Semiconductor STAR1000 Datasheet HTML 18Page - Cypress Semiconductor STAR1000 Datasheet HTML 19Page - Cypress Semiconductor STAR1000 Datasheet HTML 20Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 21 page
background image
STAR1000
Document Number: 38-05714 Rev. *B
Page 16 of 21
Packaging and Geometrical Constraints
Package Drawing
The detector is packaged in an 84-pin J-leaded package.
The detector is mounted into position with thermally and
electrically conductive adhesive. The bottom plate of the cavity
is electrically connected to a ground pin.
The detector is positioned into the cavity such that the optical
center of the detector coincides with the geometrical center of
the cavity within a tolerance of ± 50
µm in X- and Y direction.
The tolerance on the parallelism of the detector is ± 50
µm in
X- and Y- direction.
Note: The dimensions in Figure 8.are in inches.
Figure 8. Package Drawing
[+] Feedback
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21