| Moteur de recherche de fiches techniques de composants électroniques |
|
3671301 Fiches technique(PDF) 12 Page - Amphenol Industrial Products Group. |
|
|
|||||||||||||||||||||||||||||
3671301 Fiches technique(HTML) 12 Page - Amphenol Industrial Products Group. |
|
12 / 17 page ![]() 12 Use the wrench tool to tighten the nut to the panel, see picture 5.2.2. The nut must be screwed to a proper torque range of 1.1 to 1.4 N·m. Insert terminal into back of male and female connector. A “click” should be heard or felt when the terminal is seated in right position. Terminals cannot be removed once seated. If the terminals are not inserted in the correct position, the connector itself will not be fully assembled, the contacts will not mate as intended, which will cause the connector to overheat and possibly cause a fire or safety risk. Picture 5.2.2 Picture 5.2.3 Picture 5.2.4 Inspection Use the contact depth inspection tool to the check if the contact is in the right position. The edge of connector hous- ing should be located within the white area of the contact depth inspection tool. Female Connector Male Connector |