| Moteur de recherche de fiches techniques de composants électroniques |
|
PM7375-SC Fiches technique(PDF) 96 Page - PMC-Sierra, Inc |
|
|
|||||||||||||||||||||||||||||
PM7375-SC Fiches technique(HTML) 96 Page - PMC-Sierra, Inc |
|
96 / 430 page ![]() PM7375 LASAR-155 DATA SHEET PMC-931127 ISSUE 6 LOCAL ATM SAR & PHYSICAL LAYER PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE 80 9.14.8.3 Fig. 9.17 RPDRR Queue Operation Rx Packet Descriptor Reference Ready Queue Bit 0 Bit 31 STATUS + RPDR RPDRRQ Start Address RPDRRQ End Address RPDRRQ Read Address RPDRRQ Write Address STATUS + RPDR STATUS + RPDR RPD - 32 bytes RPD - 32 bytes RPD - 32 bytes RPD - 32 bytes RPD - 32 bytes buffer -packet M buffer -packet N buffer -start of packet O buffer -middle of packet O buffer -end of packet O Valid RPDR. Only the least significant 16 bits are valid. |