| Moteur de recherche de fiches techniques de composants électroniques |
|
IE-BI-RJ45-C Fiches technique(PDF) 1 Page - Weidmuller |
|
|
|||||||||||||||||||||||||||||
IE-BI-RJ45-C Fiches technique(HTML) 1 Page - Weidmuller |
|
1 / 5 page ![]() Data sheet Creation date November 13, 2024 2:16:21 AM CET Catalogue status 09.11.2024 / We reserve the right to make technical changes. 1 IE-BI-RJ45-C Weidmüller Interface GmbH & Co. KG Klingenbergstraße 26 D-32758 Detmold Germany www.weidmueller.com FrontCom® Vario integrates multiple functions in only one single frame. The system is easy to install and you can select from a wide range of data, signal and power modules. In addition to being extremely compact, Front- Com® Vario offers a number of unique product features that will make your project planning and work activities secure, fast and future-proof. Furthermore, the Front- Com® Vario system has an attractive housing design that, by the way, offers highest impact-resistance and fully meets the requirements of IP 65 protection class. General ordering data Version RJ45 insert socket, Bulkhead inserts coupler Order No. 1962840000 Type IE-BI-RJ45-C GTIN (EAN) 4032248645046 Qty. 1 pc(s). |
Numéro de pièce similaire - IE-BI-RJ45-C |
|
Description similaire - IE-BI-RJ45-C |