| Moteur de recherche de fiches techniques de composants électroniques |
|
ST10F269Z2T6 Fiches technique(PDF) 28 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST10F269Z2T6 Fiches technique(HTML) 28 Page - STMicroelectronics |
|
28 / 184 page ![]() 5 - INTERNAL FLASH MEMORY ST10F269 28/184 5.5.3 - Programming Examples Most of the microcontroller programs are written in the C language where the data page pointers are automatically set by the compiler. But because the C compiler may use the not allowed direct addressing mode for Flash write addresses, it is necessary to program the organizational Flash accesses (command sequences) with assembler in-line routines which use indirect addressing. Example 1 Performing the command Read/Reset We assume that in the initialization phase the lowest 32K Bytes of Flash memory (sector 0) have been mapped to segment 1. According to the usual way of ST10 data addressing with data page pointers, address bit A15 and A14 of a 16-bit command write address select the data page pointer (DPP) which contains the upper 10-bit for building the 24-bit physical data address. Address bit A13...A0 represent the address offset. As the bit A14...A17 are "don’t care" when written a Flash command in the Command Interface (CI), we can choose the most convenient DPPx register for address handling. The following examples are making usage of DPP0. We just have to make sure, that DPP0 points to active Flash memory space. To be independent of mapping of sector 0 we choose for all DPPs which are used for Flash address handling, to point to segment 2. For this reason we load DPP0 with value 08h (00 0000 l000b). MOV R5, #01554h ;load auxilary register R5 with command address ;(used in command cycle 1) MOV R6, #02AA8h ;load auxilary register R6 with command address ;(used in command cycle 2) SCXT DPPO, #08h ;push data page pointer 0 and load it to point to ;segment 2 MOV R7, #0A8h ;load register R7 with 1st CI enable command MOV [R5], R7 ;command cycle 1 MOV R7, #054h ;load register R7 with 2cd CI enable command MOV [R6], R7 ;command cycle 2 MOV R7, #0F0h ;load register R7 with Read/Reset command MOV [R5], R7 ;command cycle 3. Address is don’t care POP DPP0 ;restore DPP0 value In the example above the 16-bit registers R5 and R6 are used as auxiliary registers for indirect addressing. Example 2 Performing a Program Word command We assume that in the initialization phase the lowest 32K Bytes of Flash memory (sector 0) have been mapped to segment 1.The data to be written is loaded in register R13, the address to be programmed is loaded in register R11/R12 (segment number in R11, segment offset in R12). MOV R5, #01554h ;load auxilary register R5 with command address ;(used in command cycle 1) MOV R6, #02AA8h ;load auxilary register R6 with command address ;(used in command cycle 2) SXCT DPPO, #08h ;push data page pointer 0 and load it to point to ;segment 2 MOV R7, #0A8h ;load register R7 with 1st CI enable command MOV [R5], R7 ;command cycle 1 MOV R7, #054h ;load register R7 with 2cd CI enable command MOV [R6], R7 ;command cycle 2 MOV R7, #0A0h ;load register R7 with Program Word command MOV [R5], R7 ;command cycle 3 POP DPP0 ;restore DPP0: following addressing to the Flash ;will use EXTended instructions ;R11 contains the segment to be programmed |