Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CD74ACT174M Fiches technique(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
No de pièce CD74ACT174M
Description  CDx4ACT174 Hex D-Type Flip-Flops with Clear
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

CD74ACT174M Fiches technique(HTML) 16 Page - Texas Instruments

Back Button CD74ACT174M Datasheet HTML 12Page - Texas Instruments CD74ACT174M Datasheet HTML 13Page - Texas Instruments CD74ACT174M Datasheet HTML 14Page - Texas Instruments CD74ACT174M Datasheet HTML 15Page - Texas Instruments CD74ACT174M Datasheet HTML 16Page - Texas Instruments CD74ACT174M Datasheet HTML 17Page - Texas Instruments CD74ACT174M Datasheet HTML 18Page - Texas Instruments CD74ACT174M Datasheet HTML 19Page - Texas Instruments CD74ACT174M Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 25 page
background image
PACKAGE MATERIALS INFORMATION
www.ti.com
24-Oct-2024
TAPE AND REEL BOX DIMENSIONS
Width (mm)
H
*All dimensions are nominal
Device
Package Type
Package Drawing
Pins
SPQ
Length (mm)
Width (mm)
Height (mm)
CD74ACT174BQBR
WQFN
BQB
16
3000
210.0
185.0
35.0
CD74ACT174M96
SOIC
D
16
2500
340.5
336.1
32.0
CD74ACT174M96
SOIC
D
16
2500
353.0
353.0
32.0
Pack Materials-Page 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25