Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PRV240FS Fiches technique(PDF) 2 Page - Fluke Corporation

No de pièce PRV240FS
Description  Fluke PRV240FS Proving Unit
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FLUKE [Fluke Corporation]
Site Internet  https://www.fluke.com/en-us
Logo FLUKE - Fluke Corporation

PRV240FS Fiches technique(HTML) 2 Page - Fluke Corporation

  PRV240FS Datasheet HTML 1Page - Fluke Corporation PRV240FS Datasheet HTML 2Page - Fluke Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2 Fluke Corporation
Fluke PRV240FS Proving Unit
Ordering information
PRV240FS Proving Unit
Included:
TPAK hanging strap, four AA batteries, instruction sheet
Kits
T6-1000/PRV240FS T6-1000 + PRV240FS Proving Unit
Specifications
Fluke Corporation
PO Box 9090, Everett, WA 98206 U.S.A.
Fluke Europe B.V.
PO Box 1186, 5602 BD
Eindhoven, The Netherlands
For more information call:
In the U.S.A. (800) 443-5853 or
Fax (425) 446-5116
In Europe/M-East/Africa +31 (0) 40 2675 200 or
Fax +31 (0) 40 2675 222
In Canada (800)-36-FLUKE or
Fax (905) 890-6866
From other countries +1 (425) 446-5500 or
Fax +1 (425) 446-5116
Web access: http://www.fluke.com
©2017 Fluke Corporation.
Specifications subject to change without notice.
Printed in U.S.A. 9/2017 6009795a-en
Modification of this document is not permitted
without written permission from Fluke Corporation.
Fluke.
Keeping your world
up and running.®
Output voltage
240 V ac rms or dc
± 10 % ≥ 1 MΩ
LED power indicators
Turns on when output voltage is present
Battery
4 x AA Alkaline batteries NEDA 15 A IEC LR6
Battery life
2000 (10-second duration) test cycles with >1 MΩ load
Operating temperature
-10 °C to +50 °C
Operating humidity
0 % to 90 % (0 °C to 35 °C)
0 % to 70 % (35 °C to 55 °C)
Operating altitude
2000 m
Dimensions
11.7 cm x 7.4 cm x 4.5 cm (4.6 in x 2.9 in x 1.75 in)
Weight
0. 32 kg (12 oz) includes batteries
Safety
IEC61010-1, IEC61010-2-030
Warranty
One-year
Electromagnetic
Compatibility (EMC)
IEC 61326-1: Controlled Electromagnetic Environment
CISPR 11: Group 1, Class A
Group 1: Equipment has intentionally generated and/or uses conductively-coupled radio
frequency energy that is necessary for the internal function of the equipment itself.
Class A: Equipment is suitable for use in all establishments other than domestic and
those directly connected to a low voltage power supply network that supplies buildings
used for domestic purposes. There may be potential difficulties in ensuring electromag-
netic compatibility in other environments due to conducted and radiated disturbances.
Caution: This equipment is not intended for use in residential environments and may not
provide adequate protection to radio reception in such environments.
Emissions that exceed the levels required by CISPR 11 can occur when the equipment is
connected to a test object.
US (FCC)
47 CFR 15 subpart B, this product is considered an exempt device
per clause 15.103
Korea (KCC)
Class A Equipment (Industrial Broadcasting & Communication
Equipment)
Class A: Equipment meets requirements for industrial electromag-
netic wave equipment and the seller or user should take notice of
it. This equipment is intended for use in business environments
and not to be used in homes.
This product meets requirements for industrial (Class A) electromagnetic wave equipment and the seller or user should
take notice of it. This equipment is intended for use in business environments and not to be used in homes.



Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com