Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MOS Fiches technique(PDF) 1 Page - Willow Technologies Ltd

No de pièce MOS
Description  METAL OXIDE FILM RESISTORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  WILLOW [Willow Technologies Ltd]
Site Internet  http://www.willow.co.uk
Logo WILLOW - Willow Technologies Ltd

MOS Fiches technique(HTML) 1 Page - Willow Technologies Ltd

  MOS Datasheet HTML 1Page - Willow Technologies Ltd MOS Datasheet HTML 2Page - Willow Technologies Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PRODUCT BULLETIN
DEDICATION TO EXCELLENCE
TYPE
DIMENSION (mm)
Dimensions
METAL OXIDE FILM RESISTORS
REV A
1/25/00
1/2 WATT THRU 10 WATT
EXCELLENT STABILITY
SOLVENT RESISTANT COATINGS
LOW NOISE
12 ± 1
L
D
d
H(MIN)
16 ± 1
9 ± 1
3.5 ± 0.5
0.58 ± 0.02
25
MOF-MOS SERIES
SMALL SIZE
FLAME RETARDENT
Resistance Tolerance
1W
100K
Resistance Value
Temperature Coefficient
Wattage
MOS
±5%
Sample Part Number
Type
How to Order
T350
MOS
MOF
1 W
2 W
3 W
5 W
6 W
7 W
10 W
25 ± 1
32 ± 1
41 ± 1
53 ± 1
8.5 ± 0.5
4.5 ± 0.5
5.5 ± 0.5
8.5 ± 0.5
8.5 ± 0.5
8.5 ± 0.5
0.8 ± 0.03
0.8 ± 0.03
0.8 ± 0.03
0.8 ± 0.03
0.8 ± 0.03
0.8 ± 0.03
27
27
27
27
27
27
300V
350V
350V
500V
750V
750V
500V
600V
700V
1000V
1000V
1000V
700V
1000V
WORKING
VOLTAGE
OVERLOAD
VOLTAGE
RESISTANCE
RANGE
Max.
Max.
± 5%
0.1 1
0.1 1
0.1 1
0.5 1
10 1
10 150
10 150
in.
mm
.023
.032
.138
.177
.217
.335
.354
.472
.630
.984
1.260
1.614
2.087
.58
0.8
3.5
4.5
5.5
8.5
9.0
12
16
25
32
41
53
NOTE: 1% TOLERANCE IS AVAILABLE IN MOF 1, 2 & 3 WATTS
FROM 1 OHM THRU 1 MEG. OHM.
1/2 - 3 W PARTS ARE COLOR CODED. 4 - 7 W ARE ALPHA NUMERIC
Dimensional
Correlation
L
H
D
d
TOLERANCE ± 1% & ± 5%
TEMPERATURE COEFFICIENT
TCR ± 200 PPM is also available. Consult factory.
Subject to change without notice
Continued on reverse side
1/2 W
1 W
2 W
3 W
4 W
5 W
7 W
TYPE
MOS
MOF
1 W
2 W
3 W
5 W
6 W
7 W
10 W
1/2 W
1 W
2 W
3 W
4 W
5 W
7 W
Specifications
± 200 & ± 350 PPM/°C
Operating Temperature Range is -55°C to +155°C
Temperature Coefficients
T200 = ±200 PPM/°C
T350 = ±350 PPM/°C
WILLOW TECHNOLOGIES LTD.
SHAWLANDS COURT, NEWCHAPEL ROAD
LINGFIELD, SURREY, RH7 6BL, ENGLAND
Tel. + 44 (0) 1342 835234 Fax. + 44 (0) 1342 834306
E-mail rob@willow.co.uk
Website http://www.willow.co.uk


Numéro de pièce similaire - MOS

FabricantNo de pièceFiches techniqueDescription
logo
KOA Speer Electronics, ...
MOS KOA-MOS Datasheet
658Kb / 4P
POWER TYPE
Oct. 2020
logo
Advantech Co., Ltd.
MOS-1110Y-0101E ADVANTECH-MOS-1110Y-0101E Datasheet
333Kb / 2P
Isolated 16 DI / 8 DO, 1-Ch, DB37, PCIe I/F
MOS-1110Y-0101E ADVANTECH-MOS-1110Y-0101E Datasheet
1Mb / 4P
Intel 6th Generation Core i3/i5/i7 Modular Fanless Box PC
MOS-1110Y-0101E ADVANTECH-MOS-1110Y-0101E Datasheet
1Mb / 3P
Intel Celeron N3350 DC SoC With Dual LAN/ Four USB 3.0/M.2/TPM IoT Gateway Modular Fanless Box PC
MOS-1110Y-0101E ADVANTECH-MOS-1110Y-0101E Datasheet
1Mb / 3P
Intel® Celeron™ N3350 DC SoC With Four Serial Ports Modular Fanless Box PC
6-Jan-2021
More results

Description similaire - MOS

FabricantNo de pièceFiches techniqueDescription
logo
Panasonic Semiconductor
ERG-1SJ683A PANASONIC-ERG-1SJ683A Datasheet
169Kb / 7P
Metal Oxide Film Resistors
ERG-2SJ100A PANASONIC-ERG-2SJ100A Datasheet
169Kb / 7P
Metal Oxide Film Resistors
ERGX12S PANASONIC-ERGX12S Datasheet
172Kb / 7P
Metal Oxide Film Resistors
ERG-12SJ103 PANASONIC-ERG-12SJ103 Datasheet
172Kb / 7P
Metal (Oxide) Film Resistors
ERG-1SJ101E PANASONIC-ERG-1SJ101E Datasheet
172Kb / 7P
Metal (Oxide) Film Resistors
ERG-2SJ123 PANASONIC-ERG-2SJ123 Datasheet
172Kb / 7P
Metal (Oxide) Film Resistors
ERG-1SJ153A PANASONIC-ERG-1SJ153A Datasheet
172Kb / 7P
Metal (Oxide) Film Resistors
ERX-2SJR56A PANASONIC-ERX-2SJR56A Datasheet
172Kb / 7P
Metal (Oxide) Film Resistors
ERG-1SJ221A PANASONIC-ERG-1SJ221A Datasheet
153Kb / 7P
Metal (Oxide) Film Resistors
logo
MERITEK ELECTRONICS COR...
MO MERITEK-MO Datasheet
172Kb / 3P
Metal Oxide Film Resistors
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com