| Moteur de recherche de fiches techniques de composants électroniques |
|
SWS-VG-F1 Fiches technique(PDF) 1 Page - Eravant |
|
|
|||||||||||||||||||||||||||||
SWS-VG-F1 Fiches technique(HTML) 1 Page - Eravant |
|
1 / 2 page ![]() SWS-VG-F1 www.eravant.com | 424-757-0168 | support@eravant.com Copyright © 2023 by Eravant 1/2 Final Rev 1.1 WR-15 through WR-05 Waveguide Short, Fixed SWS-VG-F1 is a fixed waveguide short with a UG-387/U-M flange that can support WR-15 through WR-05 waveguides. The waveguide short is manufactured through a precision machining process to ensure high quality and ruggedness. The short also offers good reflectivity. A tunable short for phase adjustments is available under a different model number. Mechanical Specifications: *SWS-VG-F1 can support even higher bands from WR-04 up to WR-01. Item Specification Applicable Bands* WR-15, WR-12, WR-10, WR-08, WR-06, WR-05 Waveguide Flange UG-387/U-M Flange Waveguide Flange Material Brass Finish Gold Plated Weight 0.4 Oz Outline WS-VGF ECCN EAR99 FEATURES • Good Reflectivity • Instrumentation Grade APPLICATIONS • Test Instrumentation • Sub-assemblies SUPPLEMENTAL DETAILS |
Numéro de pièce similaire - SWS-VG-F1 |
|
Description similaire - SWS-VG-F1 |