| Moteur de recherche de fiches techniques de composants électroniques |
|
PM7344 Fiches technique(PDF) 97 Page - PMC-Sierra, Inc |
|
|
|||||||||||||||||||||||||||||
PM7344 Fiches technique(HTML) 97 Page - PMC-Sierra, Inc |
|
97 / 293 page ![]() PM7344 S/UNI-MPH DATA SHEET PMC-950449 ISSUE 6 MULTI-PHY USER NETWORK INTERFACE PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE 81 an analogous fashion. A clock pulse is generated on RDLCLK for each enable that is logic 1. Any combination enable bits is allowed resulting in a data rate between 4 kbit/s and 20 kbit/s. If all RXSAEN[4:0] bits are set to logic 0, Timeslot 16 is extracted and treated as a data link. If RXDMASIG is logic 0, Timeslot16 is made available on the RDLSIG output and RDLCLK is an associated 64 kHz clock. If RXDMASIG is logic 1, the data link is terminated by the HDLC receiver and the RDLINT/RDLSIG and RDLEOM/RDLCLK pins operate as a data link interrupt (RDLINT) and a end-of-message (RDLEOM) indication. |