Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PM73121 Fiches technique(PDF) 26 Page - PMC-Sierra, Inc

No de pièce PM73121
Description  AAL1 Segmentation And Reassembly Processor
PDF  223 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PMC [PMC-Sierra, Inc]
Site Internet  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM73121 Fiches technique(HTML) 26 Page - PMC-Sierra, Inc

Back Button PM73121 Datasheet HTML 22Page - PMC-Sierra, Inc PM73121 Datasheet HTML 23Page - PMC-Sierra, Inc PM73121 Datasheet HTML 24Page - PMC-Sierra, Inc PM73121 Datasheet HTML 25Page - PMC-Sierra, Inc PM73121 Datasheet HTML 26Page - PMC-Sierra, Inc PM73121 Datasheet HTML 27Page - PMC-Sierra, Inc PM73121 Datasheet HTML 28Page - PMC-Sierra, Inc PM73121 Datasheet HTML 29Page - PMC-Sierra, Inc PM73121 Datasheet HTML 30Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 223 page
background image
PM73121 AAL1gator II
PMC-Sierra, Inc.
PMC-980620
,VVXH
AAL1 SAR Processor
Data Sheet
QSPQSD@U6S`Ã6I9Ã8PIAD9@IUD6GÃUPÃQH8TD@SS6ÃDI8Ã6I9ÃAPSÃDUTÃ8VTUPH@ST¶ÃDIU@SI6GÃVT@

To Use UTOPIA PHY Mode
•
Provide a means to pull pin 56 (PHY_EN) high. (It will default to low via an internal pull-
down resistor).
•
If using MPHY mode, pin 18 will be /TPHY_ADDR and pin 14 will be /RPHY_ADDR.
These address pins work like an active low chip select but follow the MPHY timing.
•
In PHY mode, all TATM signals will become RPHY signals (/TATM_EN becomes
RPHY_CLAV and /TATM_FULL becomes /RPHY_EN). All RATM signals will become
TPHY signals (/RATM_EN becomes TPHY_CLAV and /RATM_EMPTY becomes /
TPHY_EN).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More