Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ZAB080 Fiches technique(PDF) 2 Page - Electronic devices inc.

No de pièce ZAB080
Description  6 AMPERE AXIAL LEAD RECTIFIERS HIGH SURGE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  EDI [Electronic devices inc.]
Site Internet  http://www.edidiodes.com
Logo EDI - Electronic devices inc.

ZAB080 Fiches technique(HTML) 2 Page - Electronic devices inc.

  ZAB080 Datasheet HTML 1Page - Electronic devices inc. ZAB080 Datasheet HTML 2Page - Electronic devices inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
NON- REPETITIVE SURGE CURRENT
500
750
250
125
1
NUMBER OF CYCLES AT 60 C.P.S.
ZAB
FIG.3
21 GRAY OAKS AVENUE
* YONKERS. NEW YORK 10710 914-965-4400
* FAX 914-965-5531
* 1-800-678-0828
ELECTRONIC DEVICES, INC. DESIGNERS AND MANUFACTURERS OF SOLID STATE DEVICES SINCE 1951.
Maximum lead and terminal temperature for soldering,3/8 inch form case, 5 seconds at 250
OC
FIG.2
100
75
50
25
0
0
25
50
75
100
125
150
FIG.1
OUTPUT CURRENT vs AMBIENT TEMPERATURE
AMBIENT TEMPERATURE
O
( C)
2
4
6
10
20
40
60
8
375
625
875
1000
Ee-mail:sales@edidiodes.com
Wwebsite: http://www.edidiodes.com
*
1.0 MIN.
0.38 MAX
1.0 MIN.
0.048
0.052
DIA.
0.31MAX.DIA.
ALL DIMENSIONS IN INCHES



Html Pages

1 2