Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PD20 Fiches technique(PDF) 2 Page - Electronic devices inc.

No de pièce PD20
Description  SINGLE-PHASE FULL WAVE BRIDGE 1.5AMPERES THROUGH 5.0 AMPERES FOR P.C. BOARD AND POWER TERMINAL MOUNTING
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  EDI [Electronic devices inc.]
Site Internet  http://www.edidiodes.com
Logo EDI - Electronic devices inc.

PD20 Fiches technique(HTML) 2 Page - Electronic devices inc.

  PD20 Datasheet HTML 1Page - Electronic devices inc. PD20 Datasheet HTML 2Page - Electronic devices inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
0
0
25
50
75
100
150
125
CURRENT DERATING
21 GRAY OAKS AVENUE
* YONKERS. NEW YORK 10710 914-965-4400
* FAX 914-965-5531
* 1-800-678-0828
ELECTRONIC DEVICES, INC. DESIGNERS AND MANUFACTURERS OF SOLID STATE DEVICES SINCE 1951.
T = AMBIENT TEMPERATURE
O
( C)
1.0
2.0
3.0
4.0
5.0
CASE STYLE FOR PF
PF PD PE
CASE STYLE FOR PD
CASE STYLE
FOR PE
_
LEAD DIA.032+ .001
SILVER PLATED COPPER
.210
.140
.395
.320
1.17
1.23
1.28
1.33
POS LEAD.
.180
.220
.71
MAX.
. 5 8
M A X
0.5 minimum lead length
_
+
. 1 5 0
0 . 0 1 0 T Y P.
.032 DIA.LEADS
.250 MAX.
_
+
.150
.010 TYP .
1 . 0 M I N .
. 5 2
M A X .
.051 DIA.LEADS
_
.250 +.015
.69
MAX.
All dimensions in inches
PF
EDI
_
+
BRIDGE OUTPUT
RES.-IND. LOADS
PE SERIES
PD SERIES
PF SERIES
Ee-mail:sales@edidiodes.com
Wwebsite: http://www.edidiodes.com
*
A



Html Pages

1 2