| Moteur de recherche de fiches techniques de composants électroniques |
|
BOS0285 Fiches technique(PDF) 1 Page - Balluff Korea Ltd. |
|
|
|||||||||||||||||||||||||||||
BOS0285 Fiches technique(HTML) 1 Page - Balluff Korea Ltd. |
|
1 / 3 page ![]() Smart Automation and Monitoring System Photoelectric Sensors BOS R254K-UUI-LH10-S4 Order Code: BOS0285 Internet www.balluff.com eCl@ss 9.1: 27-27-09-04 Subject to change without notice: 279074 ETIM 6.0: BOS0285_1.8_2024-10-07 1 / 3 1) LED 1, 2) LED 2, 3) Optical axis receiver, 4) Optical axis emitter Basic features Approval/Conformity CE UKCA cULus WEEE Ecolab Basic standard IEC 60947-5-2 Operating mode SIO Mode IO-Link Mode Principle of operation Photoelectric sensor Scope of delivery Mounting instruction Secondary features for condition monitoring Vibration monitoring Inclination monitoring and installation aid Internal temperature monitoring Internal humidity detection Series R254K Style Square Display/Operation Display 2x tricoloured - LED Electrical connection Connection Connector, M12x1-Male, 4-pin Contact, surface protection Gold plated Polarity reversal protected yes Protection against device mix-ups yes Short-circuit protection yes |
Numéro de pièce similaire - BOS0285 |
|
Description similaire - BOS0285 |