Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

08CH220L Fiches technique(PDF) 4 Page - List of Unclassifed Manufacturers

No de pièce 08CH220L
Description  SMD Transient Voltage Suppressors
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC - List of Unclassifed Manufacturers

08CH220L Fiches technique(HTML) 4 Page - List of Unclassifed Manufacturers

  08CH220L Datasheet HTML 1Page - List of Unclassifed Manufacturers 08CH220L Datasheet HTML 2Page - List of Unclassifed Manufacturers 08CH220L Datasheet HTML 3Page - List of Unclassifed Manufacturers 08CH220L Datasheet HTML 4Page - List of Unclassifed Manufacturers 08CH220L Datasheet HTML 5Page - List of Unclassifed Manufacturers 08CH220L Datasheet HTML 6Page - List of Unclassifed Manufacturers 08CH220L Datasheet HTML 7Page - List of Unclassifed Manufacturers 08CH220L Datasheet HTML 8Page - List of Unclassifed Manufacturers 08CH220L Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
Voltage Dependent Characteristic
Transient Voltage Suppressors(varistors)
are voltage-dependent electrical resistors
with symmetrical V/I characteristic and the
breakdown region, their resistance value
decreases with increasing voltage, thus
“short-circuiting” further rises in overvoltage.
The Prevention of Overvoltage
In other words, as long as the voltage increases
above the threshold of the TVS, the suppressor
will draws a rapidly increasing current, and then
the overvoltage is considerably attenuated away
from the protected circuit, that is why the
inherent protection of the equipments should be
supplemented by including specific components
that will raise the withstand capabilities to the
required level. Varistors provide protection
against all kinds of overvoltage and prevent
electronic equipment from being damaged by
transient events.
SMD Transient Voltage Suppressors
Information for Designer
Breakdown
Region
Current (A)
Circuit to be
Protected
Normal State
Overvoltage State
Overvoltages occur
Circuit to be
Protected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25