| Moteur de recherche de fiches techniques de composants électroniques |
|
ICS839893AYILF Fiches technique(PDF) 9 Page - Integrated Circuit Systems |
|
|
|||||||||||||||||||||||||||||
ICS839893AYILF Fiches technique(HTML) 9 Page - Integrated Circuit Systems |
|
9 / 10 page ![]() Integrated Circuit Systems, Inc. 839893AYI www.icst.com/products/hiperclocks.html REV. A AUGUST 8, 2005 9 ICS839893I LOW SKEW, 1-TO-13 LVCMOS/LVTTL BUFFER DIVIDER N O I T A I R A V C E D E J S R E T E M I L L I M N I S N O I S N E M I D L L A L O B M Y S C B B M U M I N I ML A N I M O NM U M I X A M N 8 4 A - -- -0 6 . 1 1 A 5 0 . 0- -5 1 . 0 2 A 5 3 . 10 4 . 15 4 . 1 b 7 1 . 02 2 . 07 2 . 0 c 9 0 . 0- -0 2 . 0 D C I S A B 0 0 . 9 1 D C I S A B 0 0 . 7 2 D . f e R 0 5 . 5 E C I S A B 0 0 . 9 1 E C I S A B 0 0 . 7 2 E . f e R 0 5 . 5 e C I S A B 0 5 . 0 L 5 4 . 00 6 . 05 7 . 0 θθθθθ 0 ° - - 7 ° c c c - -- -8 0 . 0 PACKAGE OUTLINE - Y SUFFIX FOR 48 LEAD LQFP TABLE 7. PACKAGE DIMENSIONS Reference Document: JEDEC Publication 95, MS-026 |