| Moteur de recherche de fiches techniques de composants électroniques |
|
STAC9220 Fiches technique(PDF) 39 Page - Integrated Device Technology |
|
|
|||||||||||||||||||||||||||||
STAC9220 Fiches technique(HTML) 39 Page - Integrated Device Technology |
|
39 / 172 page ![]() STAC9220/9221/9223 8-CHANNEL HIGH DEFINITION AUDIO CODEC PC AUDIO IDT™ 39 STAC9220/9221/9223 V 0.96 102706 8-CHANNEL HIGH DEFINITION AUDIO CODEC 6.5.6. AFG Stream [8] R9 R 0x1 96.0 KHz rate (2/1*48 KHz) supported [7] R8 R 0x1 88.2 KHz rate (2/1*44.1 KHz) supported [6] R7 R 0x1 48.0 KHz rate supported (REQUIRED) [5] R6 R 0x1 44.1 KHz rate supported [4] R5 R 0x0 32.0 KHz rate (2/3*48 KHz) supported [3] R4 R 0x0 22.05 KHz rate (1/2*44.1 KHz) supported [2] R3 R 0x0 16.0 KHz rate (1/3*48 KHz) supported [1] R2 R 0x0 11.025 KHz rate (1/4*44.0 KHz) supported [0] R1 R 0x0 8.0 KHz rate (1/6*48 KHz) supported Table 22. AFG Stream Command Verb Format Verb ID Payload Response Get F00 0B See bitfield table Table 23. AFG Stream Command Response Format Bit Bitfield Name RW Reset Description [31:3] Rsvd R 0x0 Reserved [2] NonPCM R 0x0 No support for non-PCM data. [1] Float32 R 0x0 No support for Float32 data. [0] PCM R 0x1 PCM-formatted data supported. Table 21. AFG PCMCap Command Response Format Bit Bitfield Name RW Reset Description |