| Moteur de recherche de fiches techniques de composants électroniques |
|
BOS0288 Fiches technique(PDF) 1 Page - Balluff Korea Ltd. |
|
|
|||||||||||||||||||||||||||||
BOS0288 Fiches technique(HTML) 1 Page - Balluff Korea Ltd. |
|
1 / 3 page ![]() Smart Automation and Monitoring System Photoelectric Sensors BOS R254K-UUI-RE10-S4 Order Code: BOS0288 Internet www.balluff.com eCl@ss 9.1: 27-27-09-01 Subject to change without notice: 279075 ETIM 6.0: BOS0288_1.6_2024-09-02 1 / 3 1) LED 1, 2) LED 2, 3) Optical axis receiver Basic features Approval/Conformity CE UKCA cULus WEEE Ecolab Basic standard IEC 60947-5-2 Operating mode SIO Mode IO-Link Mode Principle of operation Photoelectric sensor Reference emitter BOS R254K-UUI-RS10-S4 Scope of delivery Mounting instruction Secondary features for condition monitoring Vibration monitoring Inclination monitoring and installation aid Internal temperature monitoring Internal humidity detection Series R254K Style Square Display/Operation Display 2x tricoloured - LED Electrical connection Connection Connector, M12x1-Male, 4-pin Contact, surface protection Gold plated Polarity reversal protected yes Protection against device mix-ups yes Short-circuit protection yes |
Numéro de pièce similaire - BOS0288 |
|
Description similaire - BOS0288 |