Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STAC9271 Fiches technique(PDF) 95 Page - Integrated Device Technology

No de pièce STAC9271
Description  10-CHANNEL HIGH DEFINITION AUDIO CODEC
PDF  223 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  IDT [Integrated Device Technology]
Site Internet  http://www.idt.com
Logo IDT - Integrated Device Technology

STAC9271 Fiches technique(HTML) 95 Page - Integrated Device Technology

Back Button STAC9271 Datasheet HTML 91Page - Integrated Device Technology STAC9271 Datasheet HTML 92Page - Integrated Device Technology STAC9271 Datasheet HTML 93Page - Integrated Device Technology STAC9271 Datasheet HTML 94Page - Integrated Device Technology STAC9271 Datasheet HTML 95Page - Integrated Device Technology STAC9271 Datasheet HTML 96Page - Integrated Device Technology STAC9271 Datasheet HTML 97Page - Integrated Device Technology STAC9271 Datasheet HTML 98Page - Integrated Device Technology STAC9271 Datasheet HTML 99Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 223 page
background image
STAC9271/9272/9273/9274
10-CHANNEL HIGH DEFINITION AUDIO CODEC
PC AUDIO
IDT™
10-CHANNEL HIGH DEFINITION AUDIO CODEC
95
STAC9271/9272/9273/9274 V 1.0 MARCH2007
IDT CONFIDENTIAL
Table 181. SPDIFOut PCM
Command Response Format
Bit
Bitfield Name
RW
Reset
Description
[31.:21]
Rsvd2
R
0x0
Reserved
[20]
B32
R
0x0
32 bit audio formats are NOT supported
[19]
B24
R
0x1
24 bit audio formats are supported
[18]
B20
R
0x1
20 bit audio formats are supported
[17]
B16
R
0x1
16 bit audio formats are supported
[16]
B8
R
0x0
8 bit audio formats are NOT supported
[15.:12]
Rsvd1
R
0x0
Reserved
[11]
R12
R
0x0
384 KHz rate (8/1*48 KHz) NOT supported
[10]
R11
R
0x1
192.0 KHz rate (4/1*48 KHz) supported
[9]
R10
R
0x1
176.4 KHz rate (4/1*44.1 KHz) supported
[8]
R9
R
0x1
96.0 KHz rate (2/1*48 KHz) supported
[7]
R8
R
0x1
88.2 KHz rate (2/1*44.1 KHz) supported
[6]
R7
R
0x1
48.0 KHz rate supported (REQUIRED)
[5]
R6
R
0x1
44.1 KHz rate supported
[4]
R5
R
0x0
32.0 KHz rate (2/3*48 KHz) NOT supported
[3]
R4
R
0x0
22.05 KHz rate (1/2*44.1 KHz) NOT
supported
[2]
R3
R
0x0
16.0 KHz rate (1/3*48 KHz) NOT supported
[1]
R2
R
0x0
11.025 KHz rate (1/4*44.0 KHz) NOT
supported
[0]
R1
R
0x0
8.0 KHz rate (1/6*48 KHz) NOT supported



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More